Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 85 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM69 Datasheet(HTML) 85 Page - Texas Instruments

Back Button AM69 Datasheet HTML 81Page - Texas Instruments AM69 Datasheet HTML 82Page - Texas Instruments AM69 Datasheet HTML 83Page - Texas Instruments AM69 Datasheet HTML 84Page - Texas Instruments AM69 Datasheet HTML 85Page - Texas Instruments AM69 Datasheet HTML 86Page - Texas Instruments AM69 Datasheet HTML 87Page - Texas Instruments AM69 Datasheet HTML 88Page - Texas Instruments AM69 Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 326 page
background image
Table 5-1. Pin Attributes (ALY, AND Packages) (continued)
ALY Ball
Num [1]
AND Ball
Num [1]
Ball
Name [2]
PADCFG Register [16]
PADCFG Address [17]
Signal
Name [3]
Mux
Mode
[4]
A94
54 [5]
Signal
Type [6]
I/O
Voltage
[7]
Ball State
DURING
Reset
(RX/TX/PULL)
[8]
Ball State
AFTER
Reset
(RX/TX/PULL)
[9]
Mux
Mode
AFTER
Reset
[10]
Pull
Type
[11]
Power [12]
Hys
[13]
Voltage
Buffer
Type [14]
IO
RET [15]
AA10,
AA12,
AA14,
AA20,
AA22,
AA8, AB11,
AB19,
AB21,
AB23,
AB9,
AC10,
AC12,
AC14,
AC22,
AD11,
AD13,
AD15,
AD17,
AD19,
AD21,
AD23,
AD9,
AE10,
AE14,
AE16,
AE18,
AE20,
AE22,
AF11, H21,
H23, J20,
J22, K21,
K23, L20,
L22, N20,
N22, P21,
R20, R22,
T17, T19,
T21, T23,
U14, U22,
V11, V13,
V19, V21,
V23, V9,
W10, W12,
W20, W22,
W8, Y13,
Y21, Y23,
Y9
AA10,
AA12,
AA20,
AA8, AB11,
AB13,
AB15,
AB17,
AB19,
AB21,
AB9,
AC12,
AC14,
AC16,
AC18,
AC20,
AC8, AD9,
H19, H21,
J18, J20,
L18, L20,
M19, N18,
N20, P15,
P17, P19,
P21, R12,
R20, T11,
T17, T19,
T21, T9,
U10, U18,
U20, U8,
V11, V19,
V21, W10,
W12, W18,
W20, W8,
Y17, Y19,
Y21, Y9
VDD_CPU
VDD_CPU
PWR
L24, M23,
M25, N26,
P23, P25,
P27
J22, K21,
K23, L24,
M21, M23,
M25
VDD_MCU
VDD_MCU
PWR
L28
J26
VDD_MCU_WAKE1
VDD_MCU_WAKE1
PWR
U29
R27
VDD_WAKE0
VDD_WAKE0
PWR
K28
G26
VMON1_ER_VSYS
VMON1_ER_VSYS
A
N27
L25
VMON2_IR_VCPU
VMON2_IR_VCPU
A
J30
K30
VMON3_IR_VEXT1P8
VMON3_IR_VEXT1P8
A
www.ti.com
AM69A, AM69
SPRSP92D – FEBRUARY 2023 – REVISED DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
85
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com