Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 14 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM69 Datasheet(HTML) 14 Page - Texas Instruments

Back Button AM69 Datasheet HTML 10Page - Texas Instruments AM69 Datasheet HTML 11Page - Texas Instruments AM69 Datasheet HTML 12Page - Texas Instruments AM69 Datasheet HTML 13Page - Texas Instruments AM69 Datasheet HTML 14Page - Texas Instruments AM69 Datasheet HTML 15Page - Texas Instruments AM69 Datasheet HTML 16Page - Texas Instruments AM69 Datasheet HTML 17Page - Texas Instruments AM69 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 326 page
background image
Table 5-1. Pin Attributes (ALY, AND Packages)
ALY Ball
Num [1]
AND Ball
Num [1]
Ball
Name [2]
PADCFG Register [16]
PADCFG Address [17]
Signal
Name [3]
Mux
Mode
[4]
A94
54 [5]
Signal
Type [6]
I/O
Voltage
[7]
Ball State
DURING
Reset
(RX/TX/PULL)
[8]
Ball State
AFTER
Reset
(RX/TX/PULL)
[9]
Mux
Mode
AFTER
Reset
[10]
Pull
Type
[11]
Power [12]
Hys
[13]
Voltage
Buffer
Type [14]
IO
RET [15]
V29
T27
CAP_VDDS0
CAP_VDDS0
CAP
L27
J25
CAP_VDDS0_MCU
CAP_VDDS0_MCU
CAP
L25
J23
CAP_VDDS1_MCU
CAP_VDDS1_MCU
CAP
T29
P27
CAP_VDDS2
CAP_VDDS2
CAP
L26
J24
CAP_VDDS2_MCU
CAP_VDDS2_MCU
CAP
P29
M27
CAP_VDDS5
CAP_VDDS5
CAP
AN30
AH33
CSI0_RXCLKN
CSI0_RXCLKN
I
1.8 V
VDDA_0P8_
CSIRX0_1 /
VDDA_1P8_
CSIRX0_1
D-PHY
AN29
AH32
CSI0_RXCLKP
CSI0_RXCLKP
I
1.8 V
VDDA_0P8_
CSIRX0_1 /
VDDA_1P8_
CSIRX0_1
D-PHY
AM28
AH31
CSI0_RXRCALIB
CSI0_RXRCALIB
A
1.8 V
VDDA_0P8_
CSIRX0_1 /
VDDA_1P8_
CSIRX0_1
D-PHY
AP32
AE29
CSI1_RXCLKN
CSI1_RXCLKN
I
1.8 V
VDDA_0P8_
CSIRX0_1 /
VDDA_1P8_
CSIRX0_1
D-PHY
AP31
AF29
CSI1_RXCLKP
CSI1_RXCLKP
I
1.8 V
VDDA_0P8_
CSIRX0_1 /
VDDA_1P8_
CSIRX0_1
D-PHY
AL28
AJ33
CSI1_RXRCALIB
CSI1_RXRCALIB
A
1.8 V
VDDA_0P8_
CSIRX0_1 /
VDDA_1P8_
CSIRX0_1
D-PHY
AN32
AC29
CSI2_RXCLKN
CSI2_RXCLKN
I
1.8 V
VDDA_0P8_
CSIRX2 /
VDDA_1P8_
CSIRX2
D-PHY
AN33
AB29
CSI2_RXCLKP
CSI2_RXCLKP
I
1.8 V
VDDA_0P8_
CSIRX2 /
VDDA_1P8_
CSIRX2
D-PHY
AM31
AH29
CSI2_RXRCALIB
CSI2_RXRCALIB
A
1.8 V
VDDA_0P8_
CSIRX2 /
VDDA_1P8_
CSIRX2
D-PHY
AU33
AL32
CSI0_RXN0
CSI0_RXN0
I
1.8 V
VDDA_0P8_
CSIRX0_1 /
VDDA_1P8_
CSIRX0_1
D-PHY
AM69A, AM69
SPRSP92D – FEBRUARY 2023 – REVISED DECEMBER 2024
www.ti.com
14
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com