Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 102 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM69 Datasheet(HTML) 102 Page - Texas Instruments

Back Button AM69 Datasheet HTML 98Page - Texas Instruments AM69 Datasheet HTML 99Page - Texas Instruments AM69 Datasheet HTML 100Page - Texas Instruments AM69 Datasheet HTML 101Page - Texas Instruments AM69 Datasheet HTML 102Page - Texas Instruments AM69 Datasheet HTML 103Page - Texas Instruments AM69 Datasheet HTML 104Page - Texas Instruments AM69 Datasheet HTML 105Page - Texas Instruments AM69 Datasheet HTML 106Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 326 page
background image
Table 5-7. DDRSS2 Signal Descriptions (continued)
SIGNAL NAME [1] ((4)) ((3))
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
DDR2_DQ12 (1)
IO
DDRSS Data
M7
DDR2_DQ13 (1)
IO
DDRSS Data
N5
DDR2_DQ14 (1)
IO
DDRSS Data
M4
DDR2_DQ15 (1)
IO
DDRSS Data
M3
DDR2_DQ16 (1)
IO
DDRSS Data
F3
DDR2_DQ17 (1)
IO
DDRSS Data
G7
DDR2_DQ18 (1)
IO
DDRSS Data
H6
DDR2_DQ19 (1)
IO
DDRSS Data
H4
DDR2_DQ20 (1)
IO
DDRSS Data
G2
DDR2_DQ21 (1)
IO
DDRSS Data
H3
DDR2_DQ22 (1)
IO
DDRSS Data
G5
DDR2_DQ23 (1)
IO
DDRSS Data
F2
DDR2_DQ24 (1)
IO
DDRSS Data
E4
DDR2_DQ25 (1)
IO
DDRSS Data
D2
DDR2_DQ26 (1)
IO
DDRSS Data
F6
DDR2_DQ27 (1)
IO
DDRSS Data
F5
DDR2_DQ28 (1)
IO
DDRSS Data
E3
DDR2_DQ29 (1)
IO
DDRSS Data
E7
DDR2_DQ30 (1)
IO
DDRSS Data
E6
DDR2_DQ31 (1)
IO
DDRSS Data
D4
DDR2_DQS0N (1)
IO
DDRS Complimentary Data Strobe
R1
DDR2_DQS0P (1)
IO
DDRS Data Strobe
T1
DDR2_DQS1N (1)
IO
DDRS Complimentary Data Strobe
M1
DDR2_DQS1P (1)
IO
DDRS Data Strobe
N1
DDR2_DQS2N (1)
IO
DDRS Complimentary Data Strobe
G1
DDR2_DQS2P (1)
IO
DDRS Data Strobe
H1
DDR2_DQS3N (1)
IO
DDRS Complimentary Data Strobe
D1
DDR2_DQS3P (1)
IO
DDRS Data Strobe
E1
(1)
This signal is not supported on AM69A94, AM6954 devices. Please refer to Device Comparison and Pin Attributes table for the
complete list of supported IP and signals.
(2)
An external 240 Ω ±1% resistor must be connected between this pin and VSS. No external voltage should be applied to this pin.
(3)
DDRSS0, DDRSS1, DDRSS2, and DDRSS3 must always be used in incremental order. For instance, when using a single LPDDR
component, it must be connected to the DDR0_* interface. When using two LPDDR components, they must be connected to DDR0_*
and DDR1_* interfaces, and so forth.
(4)
DDRSS2, DDRSS3, and SERDES2 are not available on the 27mm package variant of this SoC. DDRSS2/DDRSS3/SERDES2 should
be avoided if software compatibility is desired with systems that use the 27mm package.
Table 5-8. DDRSS3 Signal Descriptions
SIGNAL NAME [1] ((4)) ((3))
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
DDR3_CKN (1)
IO
DDRSS Differential Clock (negative)
B25
DDR3_CKP (1)
IO
DDRSS Differential Clock (positive)
A24
DDR3_RESETn (1)
IO
DDRSS Reset
C23
DDR3_RET (1)
I
DDR Retention Enable
G27
DDR3_CA0 (1)
IO
DDRSS Command Address
D25
DDR3_CA1 (1)
IO
DDRSS Command Address
B23
DDR3_CA2 (1)
IO
DDRSS Command Address
D24
DDR3_CA3 (1)
IO
DDRSS Command Address
C24
DDR3_CA4 (1)
IO
DDRSS Command Address
E23
AM69A, AM69
SPRSP92D – FEBRUARY 2023 – REVISED DECEMBER 2024
www.ti.com
102
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com