Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 105 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM69 Datasheet(HTML) 105 Page - Texas Instruments

Back Button AM69 Datasheet HTML 101Page - Texas Instruments AM69 Datasheet HTML 102Page - Texas Instruments AM69 Datasheet HTML 103Page - Texas Instruments AM69 Datasheet HTML 104Page - Texas Instruments AM69 Datasheet HTML 105Page - Texas Instruments AM69 Datasheet HTML 106Page - Texas Instruments AM69 Datasheet HTML 107Page - Texas Instruments AM69 Datasheet HTML 108Page - Texas Instruments AM69 Datasheet HTML 109Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 326 page
background image
Table 5-9. GPIO0 Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
GPIO0_28
IO
General Purpose Input/Output
AH38
H31
GPIO0_29
IO
General Purpose Input/Output
AC33
G28
GPIO0_30
IO
General Purpose Input/Output
AH37
F33
GPIO0_31
IO
General Purpose Input/Output
AJ38
F31
GPIO0_32
IO
General Purpose Input/Output
AK34
J32
GPIO0_33
IO
General Purpose Input/Output
AG38
H30
GPIO0_34
IO
General Purpose Input/Output
AF36
K33
GPIO0_35
IO
General Purpose Input/Output
AE35
M31
GPIO0_36
IO
General Purpose Input/Output
AC35
N30
GPIO0_37
IO
General Purpose Input/Output
AG35
T33
GPIO0_38
IO
General Purpose Input/Output
AH36
L32
GPIO0_39
IO
General Purpose Input/Output
AF35
P30
GPIO0_40
IO
General Purpose Input/Output
AD34
M32
GPIO0_41
IO
General Purpose Input/Output
AJ36
L33
GPIO0_42
IO
General Purpose Input/Output
AF34
U31
GPIO0_43
IO
General Purpose Input/Output
AE34
M33
GPIO0_44
IO
General Purpose Input/Output
AL33
P31
GPIO0_45
IO
General Purpose Input/Output
AL34
N31
GPIO0_46
IO
General Purpose Input/Output
AC34
U32
GPIO0_47
IO
General Purpose Input/Output
AD33
N32
GPIO0_48
IO
General Purpose Input/Output
AD38
H29
GPIO0_49
IO
General Purpose Input/Output
AD36
L31
GPIO0_50
IO
General Purpose Input/Output
AJ32
J33
GPIO0_51
IO
General Purpose Input/Output
AM37
Y33
GPIO0_52
IO
General Purpose Input/Output
AP38
Y32
GPIO0_53
IO
General Purpose Input/Output
AN38
V31
GPIO0_54
IO
General Purpose Input/Output
AM35
V30
GPIO0_55
IO
General Purpose Input/Output
AM36
W31
GPIO0_56
IO
General Purpose Input/Output
AN36
AA30
GPIO0_57
IO
General Purpose Input/Output
AP37
Y30
GPIO0_58
IO
General Purpose Input/Output
AR38
AA32
GPIO0_59
IO
General Purpose Input/Output
AN37
W30
GPIO0_60
IO
General Purpose Input/Output
AC38
F30
GPIO0_61
IO
General Purpose Input/Output
AA32
E30
GPIO0_62
IO
General Purpose Input/Output
AB34
F29
GPIO0_63
IO
General Purpose Input/Output
AA33
F28
GPIO0_64
IO
General Purpose Input/Output
AB38
D33
GPIO0_65
IO
General Purpose Input/Output
AB36
E32
5.3.3.2 WKUP Domain
Table 5-10. WKUP_GPIO0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
WKUP_GPIO0_0
IO
General Purpose Input/Output
H38
E15
WKUP_GPIO0_1
IO
General Purpose Input/Output
J34
D16
WKUP_GPIO0_2
IO
General Purpose Input/Output
J35
D18
www.ti.com
AM69A, AM69
SPRSP92D – FEBRUARY 2023 – REVISED DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
105
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com