Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 101 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM69 Datasheet(HTML) 101 Page - Texas Instruments

Back Button AM69 Datasheet HTML 97Page - Texas Instruments AM69 Datasheet HTML 98Page - Texas Instruments AM69 Datasheet HTML 99Page - Texas Instruments AM69 Datasheet HTML 100Page - Texas Instruments AM69 Datasheet HTML 101Page - Texas Instruments AM69 Datasheet HTML 102Page - Texas Instruments AM69 Datasheet HTML 103Page - Texas Instruments AM69 Datasheet HTML 104Page - Texas Instruments AM69 Datasheet HTML 105Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 326 page
background image
Table 5-6. DDRSS1 Signal Descriptions (continued)
SIGNAL NAME [1] ((2))
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
DDR1_DQS0P
IO
DDRSS Data Strobe
A16
B1
DDR1_DQS1N
IO
DDRSS Complimentary Data Strobe
A14
F1
DDR1_DQS1P
IO
DDRSS Data Strobe
A13
E1
DDR1_DQS2N
IO
DDRSS Complimentary Data Strobe
A9
K1
DDR1_DQS2P
IO
DDRSS Data Strobe
A8
L1
DDR1_DQS3N
IO
DDRSS Complimentary Data Strobe
A4
N1
DDR1_DQS3P
IO
DDRSS Data Strobe
A3
P1
(1)
An external 240 Ω ±1% resistor must be connected between this pin and VSS. No external voltage should be applied to this pin.
(2)
DDRSS0, DDRSS1, DDRSS2, and DDRSS3 must always be used in incremental order. For instance, when using a single LPDDR
component, it must be connected to the DDR0_* interface. When using two LPDDR components, they must be connected to DDR0_*
and DDR1_* interfaces, and so forth.
Table 5-7. DDRSS2 Signal Descriptions
SIGNAL NAME [1] ((4)) ((3))
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
DDR2_CKN (1)
IO
DDRSS Differential Clock (negative)
K1
DDR2_CKP (1)
IO
DDRSS Differential Clock (positive)
L2
DDR2_RESETn (1)
IO
DDRSS Reset
J5
DDR2_RET (1)
I
DDR Retention Enable
L8
DDR2_CA0 (1)
IO
DDRS Command Address
K3
DDR2_CA1 (1)
IO
DDRS Command Address
L3
DDR2_CA2 (1)
IO
DDRS Command Address
K5
DDR2_CA3 (1)
IO
DDRS Command Address
L4
DDR2_CA4 (1)
IO
DDRS Command Address
K4
DDR2_CA5 (1)
IO
DDRS Command Address
L7
DDR2_CAL0 (1) (2)
A
DDRSS IO Pad Calibration Resistor
U7
DDR2_CKE0 (1)
IO
DDR Clock Enable
L6
DDR2_CKE1 (1)
IO
DDR Clock Enable
J2
DDR2_CSn0_0 (1)
IO
DDRSS Chip Select
J3
DDR2_CSn0_1 (1)
IO
DDRSS Chip Select
J6
DDR2_CSn1_0 (1)
IO
DDRSS Chip Select
J7
DDR2_CSn1_1 (1)
IO
DDRSS Chip Select
K7
DDR2_DM0 (1)
IO
DDRSS Data Mask
T2
DDR2_DM1 (1)
IO
DDRSS Data Mask
M6
DDR2_DM2 (1)
IO
DDRSS Data Mask
G4
DDR2_DM3 (1)
IO
DDRSS Data Mask
D5
DDR2_DQ0 (1)
IO
DDRSS Data
T4
DDR2_DQ1 (1)
IO
DDRSS Data
R6
DDR2_DQ2 (1)
IO
DDRSS Data
R3
DDR2_DQ3 (1)
IO
DDRSS Data
R4
DDR2_DQ4 (1)
IO
DDRSS Data
P6
DDR2_DQ5 (1)
IO
DDRSS Data
P5
DDR2_DQ6 (1)
IO
DDRSS Data
T5
DDR2_DQ7 (1)
IO
DDRSS Data
R7
DDR2_DQ8 (1)
IO
DDRSS Data
N2
DDR2_DQ9 (1)
IO
DDRSS Data
N4
DDR2_DQ10 (1)
IO
DDRSS Data
P2
DDR2_DQ11 (1)
IO
DDRSS Data
P3
www.ti.com
AM69A, AM69
SPRSP92D – FEBRUARY 2023 – REVISED DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
101
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com