Electronic Components Datasheet Search
  English  ▼

X  

TMP88CS38 Datasheet(PDF) 35 Page - Toshiba Semiconductor

Part # TMP88CS38
Description  8-bit single chip microcomputer
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS38 Datasheet(HTML) 35 Page - Toshiba Semiconductor

Back Button TMP88CS38 Datasheet HTML 31Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 32Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 33Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 34Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 35Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 36Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 37Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 38Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 39Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 226 page
background image
TMP88CS38/CM38A/CP38A
2007-09-12
88CS38-35
1.7
ROM Corrective Function
The ROM corrective function can patch the part (s) of on-chip ROM with some bugs.
The ROM corrective function have two modes. One is to replaced the instruction on a certain
address in the ROM with the jump instruction to branch into the RAM area where the patched
codes (Program jump mode). The other is to replace a byte or a word (2 or 3 bytes) length data in
the ROM with the patched data (Data replacement mode). Four independent location can be
patched.
Note 1: When use ROM corrective circuit, it is necessary to contain a program which operates to load
patched program and/or replacement data from external memory into an internal data RAM
in an initial routine.
Note 2: The address of a instruction for IDLE mode can not be specificated as start address of
corrective area.
Note 3: The BM88CS38N0A does not support the ROM corrective circuit. Use the TMP88PS38 to
debug a program of this circuit. In this case, note the following.
In program jump mode, jump target addresses that can be specified with the
TMP88CM38A/CP38A (002C0H to 006BFH) are different from those that can be specified
with the TMP88PS38 (002C0H to 008BFH). Therefore, if a jump target address is within a
range of 006C0H to 008BFH, it is necessary to change this addresse and also addresses for
loading a patch program.
Example:
ROM corrective circuit
ROMCDR
ROMCDR
Serial
bus
interface
RAM
• Correction mode
• Correction code
• Patch program



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com