Electronic Components Datasheet Search
  English  ▼

X  

TMP88CS38 Datasheet(PDF) 96 Page - Toshiba Semiconductor

Part # TMP88CS38
Description  8-bit single chip microcomputer
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS38 Datasheet(HTML) 96 Page - Toshiba Semiconductor

Back Button TMP88CS38 Datasheet HTML 92Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 93Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 94Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 95Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 96Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 97Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 98Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 99Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 100Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 226 page
background image
TMP88CS38/CM38A/CP38A
2007-09-12
88CS38-96
The serial bus interface circuit compares levels of a SDA line of a bus with its those
SDA pin at the rising edge of the SCL line. If the levels are unmatched, arbitration is
lost and the AL (Bit3 in SBISRB) is set to “1”.
When the AL is set to “1”, the MST and TRX are cleared to “0” and the mode is
switched to a slave receiver mode.
The AL is cleared to “0” by writing or reading data to or from the SBIDBR or writing
data to the SBICRB.
Figure 2.9.12 Example of when a Serial Bus Interface Circuit is a Master B
(11) Slave address match detection monitor
In the slave mode, the AAS (Bit2 in SBISR) is set to “1” when the received data is
“GENERAL CALL” or the received data matches the slave address setting by I2CAR
with an address recognition mode (ALS
= 0).
When a serial bus interface circuit operates in the free data format (ALS
= 1), the
AAS is set to “1” after receiving the first 1-word of data.
The AAS is cleared to “0” by writing data to the SBIDBR or reading data from the
SBIDBR.
(12) GENERAL CALL detection monitor
The AD0 (Bit1 in SBISR) is set to “1” when all 8-bit received data is “0” immediately
after a start condition in a slave mode. The AD0 is cleared to “0” when a start or stop
condition is detected on a bus.
(13) Last received bit monitor
The SDA value stored at the rising edge of the SCL is set to the LRB (Bit0 in
SBISRB). In the acknowledge mode, immediately after an INTSBI interrupt request is
generated, an acknowledge signal is read by reading the contents of the LRB.
Releasing SDA pin and SCL pin to high level as losing arbitration.
1
2
3
4
5
6
7
8
9
1
2
3
D7A
D6A
D5A
D4A
D3A
D2A
D1A
D0A
D7A’
D6A’
D5A’
D7B
D6B
SCL pin
SDA pin
SCL pin
SDA pin
AL
MST
TRX
Accessed to
SBIDBR or SBICRB
Master
A
Master
B
1
2
3
4
56
789
Stop clock output
INTSBI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com