Electronic Components Datasheet Search
  English  ▼

X  

TMP88CS38 Datasheet(PDF) 55 Page - Toshiba Semiconductor

Part # TMP88CS38
Description  8-bit single chip microcomputer
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS38 Datasheet(HTML) 55 Page - Toshiba Semiconductor

Back Button TMP88CS38 Datasheet HTML 51Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 52Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 53Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 54Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 55Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 56Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 57Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 58Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 59Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 226 page
background image
TMP88CS38/CM38A/CP38A
2007-09-12
88CS38-55
7
6
5
4
3
2
1
0
TBTCR
(00036H)
“0”
−
−
“0”
TBTEN
TBTCK
(Initial value: 0**0 0***)
TBTEN
Time base timer
enable/disable
0: Disable
1: Enable
NORMAL, IDLE mode
DV1CK
= 0
DV1CK
= 1
000
fc/2
23 [Hz]
fc/2
24 [Hz]
001
fc/2
21
fc/2
22
010
fc/2
16
fc/2
17
011
fc/2
14
fc/2
15
100
fc/2
13
fc/2
14
101
fc/2
12
fc/2
13
110
fc/2
11
fc/2
12
TBTCK
Time base timer interrupt
frequency select
111
fc/2
9
fc/2
10
Write
only
Note 1:
fc: High-frequency clock [Hz], *: Don’t care
Note 2:
TBTCR is a write-only register and must not be used with any of read-modify-write instruction.
Note 3:
Set bit7 and 4 in TBTCR to “0”.
Figure 2.3.2 Time Base Timer and Divider Output Control Register
Table 2.3.1 Time Base Timer Interrupt Frequency (Example: at fc
= 16 MHz)
Time Base Timer Interrupt Frequency [Hz]
NORMAL, IDLE mode
TBTCK
DV1CK
= 0
DV1CK
= 1
000
1.90
0.95
001
7.62
3.81
010
244.14
122.07
011
976.56
488.28
100
1953.12
976.56
101
3906.25
1953.12
110
7812.50
3906.25
111
31250
15625



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com