Electronic Components Datasheet Search
  English  ▼

X  

TMP88CS38 Datasheet(PDF) 91 Page - Toshiba Semiconductor

Part # TMP88CS38
Description  8-bit single chip microcomputer
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS38 Datasheet(HTML) 91 Page - Toshiba Semiconductor

Back Button TMP88CS38 Datasheet HTML 87Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 88Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 89Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 90Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 91Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 92Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 93Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 94Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 95Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 226 page
background image
TMP88CS38/CM38A/CP38A
2007-09-12
88CS38-91
(1) Acknowledgement mode specification
a. Acknowledgement mode (ACK
= “1”)
To set the device as an acknowledgement mode, the ACK (Bit4 in SBICRA)
should be set to “1”. When a serial bus interface circuit is a master mode, an
additional clock pulse is generated for an acknowledge signal. In a slave mode, a
clock is counted for the acknowledge signal.
In the master transmitter mode, the SDA pin is released in order to receive an
acknowledge signal from the receiver during additional clock pulse cycle. In the
master receiver mode, the SDA pin is set to low level generation an acknowledge
signal during additional clock pulse cycle.
In a slave mode, when a received slave address matches to a slave address
which is set to the I2CAR or when a “GENERAL CALL” is received, the SDA pin is
set to low level generating an acknowledge signal. After the matching of slave
address or the detection of “GENERAL CALL”, in the transmitter the SDA pin is
released in order to receive an acknowledge signal from the receiver during
additional clock pulse cycle. In a receiver, the SDA pin is set to low level
generation an acknowledge signal during additional clock pulse cycle after the
matching of slave address or the detection of “GENERAL CALL”.
The Table 2.9.1 shows the SCL and SDA pins status in acknowledgement mode.
Table 2.9.1 SCL and SDA Pins Status in Acknowledgement Mode
Mode
Pin
Transmitter
Receiver
SCL
An additional clock pulse is generated.
Master
SDA
Released in order to receive and
acknowledge signal.
Set to low level generating an
acknowledge signal.
SCL
A clock is counted for the acknowledge signal.
When
slave
address
matches or a general call
is detected
−
Set to low level generating an
acknowledge signal.
Slave
SDA
After matching of slave
address or general call
Released in order to receive an
acknowledge signal.
Set to low level generating an
acknowledge signal.
b. Non-acknowledgement mode (ACK
= “0”)
To set the device as a non-acknowledgement mode, the ACK should be cleared to
“0”. In the master mode, a clock pulse for an acknowledge signal is not generated.
In the slave mode, a clock for a acknowledge signal is not counted.
(2) Number of transfer bits
The BC (Bits 7 to 5 in SBICRA) is used to select a number of bits for next
transmitting and receiving data.
Since the BC is cleared to “000” as a start condition, a slave address and direction bit
transmissions are always executed in 8 bits. Other than these, the BC retains a
specified value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com