Electronic Components Datasheet Search
  English  ▼

X  

TMP88CS38 Datasheet(PDF) 70 Page - Toshiba Semiconductor

Part # TMP88CS38
Description  8-bit single chip microcomputer
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS38 Datasheet(HTML) 70 Page - Toshiba Semiconductor

Back Button TMP88CS38 Datasheet HTML 66Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 67Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 68Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 69Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 70Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 71Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 72Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 73Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 74Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 226 page
background image
TMP88CS38/CM38A/CP38A
2007-09-12
88CS38-70
2.6.2
Control
The timer/counter 2 is controlled by a timer/counter 2 control register (TC2CR) and a
16-bit timer register 2 (TC2DR). Reset does not affect TC2DR.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
TC2DR
(00016H, 00017H)
TC2DRH (00017H)
TC2DRL (00016H)
Read/Write
7
6
5
4
3
2
1
0
TC2CR
(00015H)
TC2S
TC2CK
TC2M
(Initial value: **00 00*0)
TC2M
TC2
operating mode select
0: Timer/event counter mode
1: Window mode
NORMAL1/2, IDLE1/2 mode
DV1CK
= 0
DV1CK
= 1
000
fc/2
23
fc/2
24
001
fc/2
13
fc/2
14
010
fc/2
8
fc/2
9
011
fc/2
3
fc/2
4
100
Reserved
Reserved
101
Reserved
Reserved
110
Reserved
TC2CK
TC2
source clock select [Hz]
111
External clock (TC2 pin input)
TC2S
TC2
start control
0: Stop and counter clear
1: Start
Write
only
Note 1:
fc: High-frequency clock [Hz], *: Don’t care.
Note 2:
Writing to the lower byte of timer register 2 (TC2DRL), the comparison is inhibited until the upper byte (TC2DRH) is
written. After writing to the upper byte, any match during 1 machine cycle (Instruction execution cycle) is ignored.
Note 3:
Set the mode and source clock when the TC2 stops (TC2S
= 0).
Note 4:
Values to be loaded to timer registers must satisfy the following condition.
TC2DR
> 1
Note 5:
TC2CR are write-only registers and must not be used with any of the read-modify-write instructions.
Note 6:
When STOP mode is started, timer counter is stopped and cleared. Set TC2S to “1” after STOP mode is released for
restarting timer counter.
Figure 2.6.2 Timer Registers 2 and TC2 Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com