Electronic Components Datasheet Search
  English  ▼

X  

TMP88CS38 Datasheet(PDF) 65 Page - Toshiba Semiconductor

Part # TMP88CS38
Description  8-bit single chip microcomputer
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS38 Datasheet(HTML) 65 Page - Toshiba Semiconductor

Back Button TMP88CS38 Datasheet HTML 61Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 62Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 63Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 64Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 65Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 66Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 67Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 68Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 69Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 226 page
background image
TMP88CS38/CM38A/CP38A
2007-09-12
88CS38-65
Figure 2.5.4 External Trigger Timer Mode Timing Chart
(3) Event counter mode
In this mode, events are counted at the edge of the TC1 pin input (Either the rising
or falling edge can be selected with the external trigger TC1CR<TC1S>). The contents
of TC1DRA are compared with the contents of up counter. If a match is found, an
INTTC1 interrupt is generated, and the counter is cleared.
Match detect is executed on other edge of count-up. A match can not be detected and
INTTC1 is not generated when the pulse is still in same state.
Setting ACAP1 to “1” transfers the current contents of up counter to TC1DRB
(Auto-capture function).
Figure 2.5.5 Event Counter Mode Timing Chart
Table 2.5.2 Input Pulse Width for Timer/Counter 1
Minimum Pulse Width [s]
NORMAL/IDLE
“H” Width
2
3/fc
“L” Width
2
3/fc
1
2
3
4
1
2
3
n
− 1 n
0
TC1DRA
INTTC1
interrupt
Count start
Internal clock
Up counter
0
n
Match detect
Counter clear
(a) Trigger start (METT1
= 0)
Count start
TC1S
= 10 at the
rising edge
TC1 pin input
1
2
3
n
− 1 n
0
m
TC1DRA
INTTC1
interrupt
Count start
Internal clock
Up counter
0
n
Match detect
Counter clear
(b) Trigger start and stop (METT1
= 1)
Count start
TC1S
= 10
at the rising
edge
TC1 pin input
12
3
0
m
− 1
Counter clear
m
< n
INTTC1 interrupt
Up counter
TC1 pin input
TC1DRA
TC1S
= 10
at the falling
edge
1
2
n
− 1
2
Count start
0
Match detect
Counter clear
n
0
1
?
n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com