Electronic Components Datasheet Search
  English  ▼

X  

TMP88CS38 Datasheet(PDF) 56 Page - Toshiba Semiconductor

Part # TMP88CS38
Description  8-bit single chip microcomputer
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS38 Datasheet(HTML) 56 Page - Toshiba Semiconductor

Back Button TMP88CS38 Datasheet HTML 52Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 53Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 54Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 55Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 56Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 57Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 58Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 59Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 60Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 226 page
background image
TMP88CS38/CM38A/CP38A
2007-09-12
88CS38-56
2.4
Watchdog Timer (WDT)
The watchdog timer is a fail-safe system to rapidly detect the CPU malfunctions such as
endless looping caused by noise or the like, or deadlock and resume the CPU to the normal
state.
The watchdog timer signal for detecting malfunction can be selected either a reset output or a
pseudo non-maskable interrupt request. However, selection is possible only once after reset. At
first the reset output is selected.
When the watchdog timer is not being used for malfunction detection, it can be used as a
timer to generate an interrupt at fixed intervals.
Note:
Care must be given in system design so as to protect the watchdog timer from disturbing
noise. Otherwise the watchdog timer may not fully exhibit its functionality.
2.4.1
Watchdog Timer Configuration
Figure 2.4.1 Watchdog Timer Configuration
fc/2
23, fc/224
fc/2
21, fc/222
fc/2
19, fc/220
fc/2
17, fc/218
Binary counters
Clock
Clear
12
Overflow
2
WDT output
Reset release signal from T.G.
Reset output
Internal reset
WDTT
WDTEN
Q
S
R
Interrupt request
RESET
INTWDT
R
S
Q
Writing
disable code
Writing
clear code
WDTOUT
Controller
WDTCR1
00034H
WDTCR2
00035H
Watchdog timer control registers
MPX
A
B
C
D
Y
S
MPX: Multiplexer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com