Electronic Components Datasheet Search
  English  ▼

X  

TMP88CS38 Datasheet(PDF) 76 Page - Toshiba Semiconductor

Part # TMP88CS38
Description  8-bit single chip microcomputer
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS38 Datasheet(HTML) 76 Page - Toshiba Semiconductor

Back Button TMP88CS38 Datasheet HTML 72Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 73Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 74Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 75Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 76Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 77Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 78Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 79Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 80Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 226 page
background image
TMP88CS38/CM38A/CP38A
2007-09-12
88CS38-76
2.7.3
Function
The timer/counter 3 has three operating modes: timer, event counter, and capture mode.
When it is used in the capture mode, the noise rejection time of TC3 pin input can be set
by remote control receive control register.
(1) Timer mode
In this mode, the internal clock is used for counting up. The contents of TC3DRA are
compared with the contents of up counter. If a match is found, a timer/counter 3
interrupt (INTTC3) is generated, and the up counter is cleared. The current contents of
up counter are loaded into TC3DRB by setting ACAP (Bit6 in TC3CR) to “1”
(Auto-capture function).
The contents of up counter can be easily confirmed by executing the read instruction
(RD instruction) of TC3DRB. Loading the contents of up counter is not synchronized
with counting up. The contents of over flow (FFH) and 00H can not be loaded correctly.
It is necessary to consider the count cycle.
Table 2.7.1 Source Clock (Internal clock) for Timer/Counter 3 (Example: at fc
= 16.0 MHz)
NORMAL, IDLE Mode
DV1CK
= 0
DV1CK
= 1
TC3CK
Resolution [
μs]
Maximum Setting
Time [ms]
Resolution [
μs]
Maximum Setting
Time [ms]
000
512
130.6
1024
261.1
001
256
65.3
512
130.6
010
128
32.6
256
65.3
011
64
16.3
128
32.6
100
32
8.2
64
16.3
101
16
4.1
32
8.2
110
8
2.0
16
4.1
FE
FF
00
01
FE
FF/00
01
Counter
Clock
TC3DRB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com