Electronic Components Datasheet Search
  English  ▼

X  

TMP88CS38 Datasheet(PDF) 94 Page - Toshiba Semiconductor

Part # TMP88CS38
Description  8-bit single chip microcomputer
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS38 Datasheet(HTML) 94 Page - Toshiba Semiconductor

Back Button TMP88CS38 Datasheet HTML 90Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 91Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 92Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 93Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 94Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 95Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 96Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 97Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 98Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 226 page
background image
TMP88CS38/CM38A/CP38A
2007-09-12
88CS38-94
(7) Start/stop condition generation
When the BB (Bit5 in SBICRB) is “0”, a slave address and a direction bit which are
set to the SBIDBR are output on a bus after generating a start condition by writing “1”
to the MST, TRX, BB and PIN. It is necessary to set transmitted data to the SBIDBR
and set “1” to ACK beforehand.
Figure 2.9.9 Start Condition Generation and Slave Address Generation
When the BB is “1”, sequence of generating a stop condition is started by writeng “1”
to the MST, TRX and PIN, and “0” to the BB. Do not modify the contents of MST, TRX,
BB and PIN until a stop condition is generated on a bus.
Figure 2.9.10 Stop Condition Generation
When a stop condition is generated and the SCL line on a bus is pulled down to low
level by another device, a stop condition is generated after releasing the SCL line.
The bus condition can be indicated by reading the contents of the BB (Bit5 in
SBISRB). The BB is set to “1” when a start condition on a bus is detected and is cleared
to “0” when a stop condition is detected.
(8) Interrupt service request and cancel
When a serial bus interface circuit is in the master mode and transferring a number
of clocks set by the BC and the ACK is complete, a serial bus interface interrupt
request (INTSBI) is generated.
In the slave mode, the conditions of generating INTSBI are follows:
•
At the end of acknowledge signal when the received slave address matches to the
value set by the I2CAR
•
At the end of acknowledge signal when a “GENERAL CALL” is received
•
At the end of transferring or receiving after matching of slave address or receiving
of “GENRAL CALL”
When a serial bus interface interrupt request occurs, the PIN (Bit4 in SBISR) is
cleared to “0”. During the time that the PIN is “0”, the SCL pin is pulled down to low
level.
Either writing data to SBIDBR or reading data from the SBIDBR sets the PIN to “1”.
The time from the PIN being set to “1” until the SCL pin is released takes tLOW.
Although the PIN (Bit4 in SBICRB) can be set to “1” by the program, the PIN can not
be cleared to “0” by the program.
Note:
If the arbitration lost occurs, when the slave address does not match, the PIN is not
cleared to “0” even thought INTSBI is generated.
SCL pin
SDA pin
Start
condition
Slave address and the direction bit
Acknowledge
signal
1
2
345678
9
A6
A5
A4
A3
A2
A1
A0
R/ W
SDA pin
SCL pin
Stop condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com