Electronic Components Datasheet Search
  English  ▼

X  

TMP88CS38 Datasheet(PDF) 196 Page - Toshiba Semiconductor

Part # TMP88CS38
Description  8-bit single chip microcomputer
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS38 Datasheet(HTML) 196 Page - Toshiba Semiconductor

Back Button TMP88CS38 Datasheet HTML 192Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 193Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 194Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 195Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 196Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 197Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 198Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 199Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 200Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 226 page
background image
TMP88CS38/CM38A/CP38A
2007-09-12
88CS38-196
7
6
5
4
3
2
1
0
ORIV
(00FBBH)
VDPOL HDPOL
YBLII
RGBII
YIV
BLIV
RGBIV
IIV
(Initial value: 0000 0000)
VDPOL
VD
input polarity select
0:
Non-invert input signal
1:
Invert input signal
HDPOL
HD
input polarity select
0:
Non-invert input signal
1:
Invert input signal
YBLII
Y/BLIN input polarity select
0:
Active high
1:
Active low
RGBII
RIN, GIN, BIN input polarity
select
0:
Active high
1:
Active low
YIV
Y output polarity select
0:
Active high
1:
Active low
BLIV
BL output polarity select
0:
Active high
1:
Active low
RGBIV
R, G, B output polarity select
0:
Active high
1:
Active low
IIV
I output polarity select
0:
Active high
1:
Active low
Write
only
7
6
5
4
3
2
1
0
ORDMA
(00024H)
DMA7
DMA6
DMA5
DMA4
DMA3
DMA2
DMA1
DMA0
(Initial value: 0000 0000)
(00025H)
−
−
−
−
−
−
−
DMA8
(Initial value: **** ***0)
DMAn
Display memory address
Write
only
(n: 0 to 8)
Note:
It necessary to write all bits of display memory address, writng DMA7 to DMA0 after DMA8, when writing
display address.
7
6
5
4
3
2
1
0
ORDSN
(0001DH)
−
SLNT
EUL
BLF
IDT
RDT
GDT
BDT
(Initial value: **** ****)
SLNT
Slant enable specification
register
0:
Disable slant
1:
Enable slant
EUL
Underline enable specification
register
0:
Disable underline
1:
Enable underline
BLF
Blinking enable specification
register
0:
Disable blinking
1:
Enable blinking
IDT/
RDT/
GDT/
BDT
Character color select
0000: Black
0001: Blue
0010: Green
0011: Cyan
0100: Red
0101: Magenta
0110: Yellow
0111: White
1000: Black
1001: Dark blue
1010: Dark green
1011: Dark cyan
1100: Dark red
1101: Dark magenta
1110: Dark yellow
1111: Gray
Read/
Write
Note:
Set IDT to 1 when PISEL (Bit6 in ORETC) sets to 1. Then character color select is 8 variety.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com