Electronic Components Datasheet Search
  English  ▼

X  

IL3285 Datasheet(PDF) 3 Page - NVE Corporation

Part # IL3285
Description  Fractional Load Passive Input RS-485 and RS-422 Isolated Transceivers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation

IL3285 Datasheet(HTML) 3 Page - NVE Corporation

  IL3285 Datasheet HTML 1Page - NVE Corporation IL3285 Datasheet HTML 2Page - NVE Corporation IL3285 Datasheet HTML 3Page - NVE Corporation IL3285 Datasheet HTML 4Page - NVE Corporation IL3285 Datasheet HTML 5Page - NVE Corporation IL3285 Datasheet HTML 6Page - NVE Corporation IL3285 Datasheet HTML 7Page - NVE Corporation IL3285 Datasheet HTML 8Page - NVE Corporation IL3285 Datasheet HTML 9Page - NVE Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
IL3285/IL3222
3
NVE Corporation
11409 Valley View Road, Eden Prairie, MN 55344-3617
Phone: (952) 829-9217
www.isoloop.com
iso-info@nve.com
iso-apps@nve.com
Safety Approvals
IEC 60747-17 (VDE 0884-17):2021-10 (Basic Isolation; VDE File Number 5016933-4880-0001):
•
Isolation voltage (VISO): 2500 VRMS
•
Transient overvoltage (VIOTM): 4000 VPK
•
Surge rating 4000 V
•
Each part tested at 1590 VPK for 1 second, 5 pC partial discharge limit
•
Samples tested at 4000 VPK for 60 sec.; then 1358 VPK for 10 sec. with 5 pC partial discharge limit
•
Working Voltage (VIORM; pollution degree 2):
Package
Part No.
Suffix
Working
Voltage
Narrow-body SOIC16
-3
700 VRMS
Wide-body SOIC16/True 8™
None
600 VRMS
Safety-Limiting Values
Symbol
Value
Units
Safety rating ambient temperature
TS
180
°C
Safety rating power (180 °C)
PS
270
mW
Supply current safety rating (total of supplies)
IS
54
mA
UL 1577 (Component Recognition Program File Number E207481)
•
2500 V rating
•
Each part tested at 3000 VRMS (4243 VPK) for 1 second
•
Each lot sample tested at 2500 VRMS (3536 VPK) for 1 minute
Soldering Profile
Per JEDEC J-STD-020C, MSL 1
Electrostatic Discharge Sensitivity
This product has been tested for electrostatic sensitivity to the limits stated in the specifications. However, NVE recommends that all integrated
circuits be handled with appropriate care to avoid damage. Damage caused by inappropriate handling or storage could range from performance
degradation to complete failure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com