Electronic Components Datasheet Search
  English  ▼

X  

IL3285 Datasheet(PDF) 9 Page - NVE Corporation

Part # IL3285
Description  Fractional Load Passive Input RS-485 and RS-422 Isolated Transceivers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation

IL3285 Datasheet(HTML) 9 Page - NVE Corporation

Back Button IL3285 Datasheet HTML 5Page - NVE Corporation IL3285 Datasheet HTML 6Page - NVE Corporation IL3285 Datasheet HTML 7Page - NVE Corporation IL3285 Datasheet HTML 8Page - NVE Corporation IL3285 Datasheet HTML 9Page - NVE Corporation IL3285 Datasheet HTML 10Page - NVE Corporation IL3285 Datasheet HTML 11Page - NVE Corporation IL3285 Datasheet HTML 12Page - NVE Corporation IL3285 Datasheet HTML 13Page - NVE Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
IL3285/IL3222
9
NVE Corporation
11409 Valley View Road, Eden Prairie, MN 55344-3617
Phone: (952) 829-9217
www.isoloop.com
iso-info@nve.com
iso-apps@nve.com
Applications Information
Input Resistor Values
The IL3222 and IL3285 are current-mode devices. Changes in input coil current switch internal spintronic GMR sensors. Inputs
are logically high when the coil voltage is high, that is when there is no coil current.
A single resistor is required to limit the input coil current to the 5 mA threshold current. The absolute maximum current through
any coil is 25 mA.
Typical Input Resistor Values
The table shows typical values for the external coil resistors in 5 V and 3 V logic systems. As always,
these values as approximate and should be adjusted for temperature or other application specifics.
Boost Capacitor
The boost capacitor in parallel with the current-limiting resistor boosts
the instantaneous coil current at the signal transition. This ensures
switching and reduces propagation delay and reduces pulse-width
distortion.
Select the value of the boost capacitor based on the rise and fall
times of the signal driving the inputs. The instantaneous boost
capacitor current is proportional to input edge speeds (
). Select a
capacitor value based on the rise and fall times of the input signal to be
isolated that provides approximately 20 mA of additional “boost”
current. Figure 2 is a guide to boost capacitor selection. For high-speed
logic signals (tr,tf < 10 ns), a 16 pF capacitor is recommended. The
capacitor value is generally not critical; if in doubt, choose a higher
value up to a maximum of 470 pF.
RS-485 and RS-422 Busses
RS-485 and RS-422 are differential (balanced) data transmission standards for use over long distances or in noisy environments.
RS-422 is an RS-485 subset, so RS-485 transceivers are also RS-422-compliant. RS-422 is a multi-drop standard allowing only
one driver and up to 10 receivers on each bus (assuming unit load receivers). RS-485 is a true multipoint standard which allows up
to 32 unit load devices (any combination of drivers and receivers) on each bus. To allow for multipoint operation, RS-485 requires
drivers to handle bus contention without damage. Another important advantage of RS-485 is the extended common-mode range
(CMR), which requires driver outputs and receiver inputs withstand +12 V to −7 V. RS-422 and RS-485 are intended for runs as
long as 4,000 feet (1,200 m), so the wide CMR is necessary for ground potential differences, as well as voltages induced in the
cable by external fields.
Receiver Features
IL3000 transceivers have differential input receivers for maximum noise immunity and common-mode rejection. Input sensitivity
is ±200 mV as required by the RS-422 and RS-485 specifications. The receivers include a “fail-safe if open” function that
guarantees a high level receiver output if the receiver inputs are unconnected (floating). Receivers easily meet the data rates
supported by the corresponding driver. IL3000-Series receiver outputs have tri-state capabilities with active low RE inputs.
Driver Features
The RS485/422 driver is a differential output device that delivers at least 1.5 V across a 54 Ω load (RS-485), and at least 2 V
across a 100 Ω load (RS-422). The driver features low propagation delay skew to maximize bit width and minimize EMI. IL3222
and IL3285 drivers have tri-state capability with an active high DE input.
VCOIL
Coil
Resistor
3.3 V
510 Ω
5 V
820 Ω
Figure 2. Cboost Selector
dV
dt
C
2500
16
5000
3
500
1000
Signal
Rise/Fall Time (ns)
C
Boost (pF)
16
5000
3
1000
Signal
Rise/Fall Time (ns)
C
Boost (pF)
20
50
100
210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com