Electronic Components Datasheet Search
  English  ▼

X  

IL3285 Datasheet(PDF) 4 Page - NVE Corporation

Part # IL3285
Description  Fractional Load Passive Input RS-485 and RS-422 Isolated Transceivers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation

IL3285 Datasheet(HTML) 4 Page - NVE Corporation

  IL3285 Datasheet HTML 1Page - NVE Corporation IL3285 Datasheet HTML 2Page - NVE Corporation IL3285 Datasheet HTML 3Page - NVE Corporation IL3285 Datasheet HTML 4Page - NVE Corporation IL3285 Datasheet HTML 5Page - NVE Corporation IL3285 Datasheet HTML 6Page - NVE Corporation IL3285 Datasheet HTML 7Page - NVE Corporation IL3285 Datasheet HTML 8Page - NVE Corporation IL3285 Datasheet HTML 9Page - NVE Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
IL3285/IL3222
4
NVE Corporation
11409 Valley View Road, Eden Prairie, MN 55344-3617
Phone: (952) 829-9217
www.isoloop.com
iso-info@nve.com
iso-apps@nve.com
IL3285-3 Pin Connections (0.15" SOIC Package)
1
VDD1
Input power supply
2
GND1
Ground return for VDD1
3
R
Output data from bus
4
RE
Read enable
(if RE is high, R is high impedance)
5
DE
Drive enable
6
VCOIL1
Coils for DE and D (connect to VDD1)
7
D
Data input to bus
8
DNC
Do not connect
9
GND2
Ground return for VDD2
(internally connected to pin 15)
10
NC
No internal connection
11
VDD2
Output power supply
12
A
Non-inverting bus line
13
B
Inverting bus line
14
NC
No internal connection
15
GND2
Ground return for VDD2
(internally connected to pin 9)
16
VCOIL2
Coil for R
IL3285-3
IL3222-3 Pin Connections (0.15" SOIC Package)
1
VDD1
Input power supply
2
GND1
Ground return for VDD1
3
R
Output data from bus
4
RE
Read enable
(if RE is high, R is high impedance)
5
DE
Drive enable
6
VCOIL1
Coils for DE and D (connect to VDD1)
7
D
Data input to bus
8
DNC
Do not connect
9
GND2
Ground return for VDD2
(internally connected to pin 15)
10
Y
Non-inverting driver bus line
11
VDD2
Output power supply
12
Z
Inverting driver bus line
13
B
Inverting receiver bus line
14
A
Non-inverting receiver bus line
15
GND2
Ground return for VDD2
(internally connected to pin 9)
16
VCOIL2
Coil for R
IL3222-3
VDD1
VCOIL2
GND1
VCOIL1
GND2
R
NC
RE
B
DE
A
D
VDD2
NC
NC
GND2
VDD1
VCOIL2
GND1
VCOIL1
GND2
R
A
RE
B
DE
Z
D
VDD2
Y
NC
GND2
DNC
DNC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com