Electronic Components Datasheet Search
  English  ▼

X  

IL3285 Datasheet(PDF) 7 Page - NVE Corporation

Part # IL3285
Description  Fractional Load Passive Input RS-485 and RS-422 Isolated Transceivers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation

IL3285 Datasheet(HTML) 7 Page - NVE Corporation

Back Button IL3285 Datasheet HTML 3Page - NVE Corporation IL3285 Datasheet HTML 4Page - NVE Corporation IL3285 Datasheet HTML 5Page - NVE Corporation IL3285 Datasheet HTML 6Page - NVE Corporation IL3285 Datasheet HTML 7Page - NVE Corporation IL3285 Datasheet HTML 8Page - NVE Corporation IL3285 Datasheet HTML 9Page - NVE Corporation IL3285 Datasheet HTML 10Page - NVE Corporation IL3285 Datasheet HTML 11Page - NVE Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
IL3285/IL3222
7
NVE Corporation
11409 Valley View Road, Eden Prairie, MN 55344-3617
Phone: (952) 829-9217
www.isoloop.com
iso-info@nve.com
iso-apps@nve.com
Receiver Section
Electrical Specifications (VDD1 = 3 V − 5.5 V; VDD2 = 4.5 V − 5.5 V; T = −40°C − 85°C unless otherwise stated)
Parameters
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Coil Resistance
RCOIL
47
85
112
Ω
T = 25°C
31
85
128
Ω
T = −40°C − 85°C
Coil Resistance Temperature Coefficient
TC RCOIL
0.2
0.25
Ω/°C
Positive-going Input Threshold
VIT+
0.2
V
−7 V < VCM < 12 V
Negative-going Input Threshold
VIT−
−0.2
V
−7 V < VCM < 12 V
Hysteresis Voltage (Vit+ − Vit−)
VHYS
70
mV
VCM = 0V, T = 25°C
High Level Digital Output Voltage
VOH
VDD − 0.2
VDD − 0.2
V
VID = 200 mV
IOH = 4 mA
Low Level Digital Output Voltage
VOL
0.8
V
VID = −200 mV
IOL = 4 mA
High impedance state output current
IOZ
10
µA
0.4≤VO≤(VDD2 − 0.5) V
Line Input Current(8)
II
1
mA
VI = 12 V
−0.8
VI = −7 V
Input Resistance
rI
96
kΩ
Switching Characteristics (VDD1 = 5 V; VDD2 = 5 V; Cboost = 16pF; T = −40°C − 85°C)
Parameters
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Data Rate
5
Mbps
RL = 54 Ω, CL = 50 pF
Propagation Delay(9)
tPD
90
150
ns
−1.5 ≤ VO ≤ 1.5 V,
CL = 15 pF
Pulse Skew(10)
tSK(P)
6
20
ns
−1.5 ≤ VO ≤ 1.5 V,
CL = 15 pF
Skew Limit(3)
tSK(LIM)
2
8
ns
RL = 54 Ω, CL = 50 pF
Read Enable Time to High Level
tPZH
4
10
ns
CL = 15 pF
Read Enable Time to Low Level
tPZL
4
10
ns
Read Disable Time from High Level
tPHZ
4
10
ns
Read Disable Time from Low Level
tPLZ
4
10
ns
Switching Characteristics (VDD1 = 3.3 V; VDD2 = 5 V; Cboost = 16pF; T = −40°C − 85°C)
Parameters
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Data Rate
5
Mbps
RL = 54 Ω, CL = 50 pF
Propagation Delay(9)
tPD
100
150
ns
−1.5 ≤ VO ≤ 1.5 V,
CL = 15 pF
Pulse Skew(10)
tSK(P)
10
20
ns
−1.5 ≤ VO ≤ 1.5 V,
CL = 15 pF
Skew Limit(3)
tSK(LIM)
4
10
ns
RL = 54 Ω, CL = 50 pF
Read Enable Time to High Level
tPZH
5
10
ns
CL = 15 pF
Read Enable Time to Low Level
tPZL
5
10
ns
Read Disable Time from High Level
tPHZ
5
10
ns
Read Disable Time from Low Level
tPLZ
17
10
ns
Insulation Specifications
Parameters
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Comparative Tracking Index
CTI
≥175
V
Per IEC 60112
Endurance Voltage
(Maximum Working Voltage
for Indefinite Life)
AC
DC
VIO
1000
1500
VRMS
VDC
At maximum
operating temperature
Creepage Distance
(external)
0.15" SOIC
0.3" SOIC
4.03
8.03
8.3
mm
Per IEC 60601
Total Barrier Thickness (internal)
0.012
0.013
mm
Barrier Resistance
RIO
>1014
Ω
500 V
Barrier Capacitance
CIO
7
pF
f = 1 MHz
Leakage Current
0.2
μA
240 VRMS, 60 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com