Electronic Components Datasheet Search
  English  ▼

X  

IL3285 Datasheet(PDF) 1 Page - NVE Corporation

Part # IL3285
Description  Fractional Load Passive Input RS-485 and RS-422 Isolated Transceivers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation

IL3285 Datasheet(HTML) 1 Page - NVE Corporation

  IL3285 Datasheet HTML 1Page - NVE Corporation IL3285 Datasheet HTML 2Page - NVE Corporation IL3285 Datasheet HTML 3Page - NVE Corporation IL3285 Datasheet HTML 4Page - NVE Corporation IL3285 Datasheet HTML 5Page - NVE Corporation IL3285 Datasheet HTML 6Page - NVE Corporation IL3285 Datasheet HTML 7Page - NVE Corporation IL3285 Datasheet HTML 8Page - NVE Corporation IL3285 Datasheet HTML 9Page - NVE Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
IL3285/IL3222
IsoLoop
® is a registered trademark of NVE Corporation.
*U.S. Patent numbers 5,831,426; 6,300,617 and others.
REV. S
NVE Corporation
11409 Valley View Road, Eden Prairie, MN 55344-3617
(952) 829-9217
www.nve.com
YouTube.com/NveCorporation
iso-apps@nve.com
Fractional Load Passive Input RS-485 and RS-422 Isolated Transceivers
Functional Diagrams
IL3285 Truth Table
VID (A-B)
DE
RE
R
D
Mode
Notes
≥ 200 mV
L
L
H
X
Receive
≤−200mV
L
L
L
X
Open
L
L
H
X
A/B failsafe
≥ 1.5 V
H
L
H
H
Drive
R reads back
D information
≤−1.5 V
H
L
L
L
≥ 1.5 V
H
H
Z
H
R tri-state
(no output)
≤−1.5 V
H
H
Z
L
X
L
H
Z
X
Disabled
R tri-state;
A/B failsafe
Z = High Impedance
X = Irrelevant
* “H”=no coil-current flowing; “L”=coil current.
IL3222 Receiver
RE
R
V(A-B)
H
Z
X
L
H
≥ 200 mV
L
L
≤−200 mV
L
H
Open
IL3222 Driver
DE
D
V(Y-Z)
L
X
Z
H
H
≥ 2 V
H
L
≤−2 V
Features
•
3 V to 5 V power supplies
•
5 Mbps data rate
•
⅛ unit load
•
15 kV bus ESD protection
•
20 kV/µs typical common mode rejection
•
No carrier or clock for low EMI emissions and susceptibility
•
−40 °C to +85 °C temperature range
•
Thermal shutdown protection
•
2500 VRMS isolation
•
IEC 60747-17 (VDE 0884-17):2021-10; UL 1577
•
0.15" or 0.3" True 8™ mm 16-pin SOIC packages
Applications
•
High node-count networks
•
Security networks
•
Building environmental controls
•
Industrial control networks
•
Gaming systems
Description
The IL3285 and IL3222 are galvanically isolated,
differential bus transceivers designed for bidirectional data
communication over balanced transmission lines. The
devices use NVE’s patented* IsoLoop spintronic Giant
Magnetoresistance (GMR) technology. The IL3285 delivers
at least 1.5 V into a 54 Ω load, and the IL3222 at least 2 V
into a 100 Ω load for excellent data integrity over long
cables. These devices are also compatible with 3.3 V input
supplies, allowing interface to standard microcontrollers
without additional level shifting.
A unique ceramic/polymer composite barrier provides
excellent isolation and virtually unlimited barrier life.
Both the IL3285 and IL3222 have current limiting and
thermal shutdown features to protect against output short
circuits and bus contentions that may cause excessive power
dissipation. The receivers also incorporate a “fail-safe if
open” design, ensuring a logic high on R if the bus lines are
disconnected or “floating.”
Receiver input resistance of 96 kΩ is eight times the
RS-485 “Unit Load” (UL) minimum of 12 kΩ. Thus these
products are known as “one-eighth UL” transceivers. There
can be up to 256 on a network while still complying with
the RS-485 loading specification.
Selection Table
Model
Full/Half
Duplex
No. of Devices
Allowed on Bus
Data Rate
Mbps
Fail-Safe
IL3285
half
256
5
yes
IL3222
full
256
5
yes
R
RE
A
B
Z
R
RE
Y
IL3222
IL3285
A
B
V
COIL2
V
COIL1
V
COIL1
V
COIL2
DE
D
DE
D


Similar Part No. - IL3285

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IL3285 ETC1-IL3285 Datasheet
461Kb / 9P
Fractional Load RS485 and RS422 Transceivers
IL3285E ETC1-IL3285E Datasheet
461Kb / 9P
Fractional Load RS485 and RS422 Transceivers
IL3285ETR13 ETC1-IL3285ETR13 Datasheet
461Kb / 9P
Fractional Load RS485 and RS422 Transceivers
IL3285TR13 ETC1-IL3285TR13 Datasheet
461Kb / 9P
Fractional Load RS485 and RS422 Transceivers
More results

Similar Description - IL3285

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS75176B NSC-DS75176B Datasheet
209Kb / 8P
Multipoint RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3170E INTERSIL-ISL3170E_08 Datasheet
953Kb / 19P
RS-485/RS-422 Transceivers
June 10, 2008
logo
Analog Devices
ADM487E AD-ADM487E_15 Datasheet
286Kb / 16P
Half-Duplex, RS-485/RS-422 Transceivers
REV. B
ADM1487E AD-ADM1487E_15 Datasheet
286Kb / 16P
Half-Duplex, RS-485/RS-422 Transceivers
REV. B
ADM3070E AD-ADM3070E_15 Datasheet
528Kb / 20P
Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3071E AD-ADM3071E_15 Datasheet
528Kb / 20P
Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3483E AD-ADM3483E_15 Datasheet
650Kb / 20P
Full-Duplex, RS-485/RS-422 Transceivers
REV. A
ADM3491E AD-ADM3491E_15 Datasheet
650Kb / 20P
Full-Duplex, RS-485/RS-422 Transceivers
REV. A
logo
Shenzhen Huazhimei Semi...
MAX485 HMSEMI-MAX485 Datasheet
592Kb / 10P
RS-485/RS-422 Transceivers
HM485 HMSEMI-HM485 Datasheet
530Kb / 10P
RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com