Electronic Components Datasheet Search
  English  ▼

X  

IL3285 Datasheet(PDF) 6 Page - NVE Corporation

Part # IL3285
Description  Fractional Load Passive Input RS-485 and RS-422 Isolated Transceivers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation

IL3285 Datasheet(HTML) 6 Page - NVE Corporation

Back Button IL3285 Datasheet HTML 2Page - NVE Corporation IL3285 Datasheet HTML 3Page - NVE Corporation IL3285 Datasheet HTML 4Page - NVE Corporation IL3285 Datasheet HTML 5Page - NVE Corporation IL3285 Datasheet HTML 6Page - NVE Corporation IL3285 Datasheet HTML 7Page - NVE Corporation IL3285 Datasheet HTML 8Page - NVE Corporation IL3285 Datasheet HTML 9Page - NVE Corporation IL3285 Datasheet HTML 10Page - NVE Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
IL3285/IL3222
6
NVE Corporation
11409 Valley View Road, Eden Prairie, MN 55344-3617
Phone: (952) 829-9217
www.isoloop.com
iso-info@nve.com
iso-apps@nve.com
Driver Section
Electrical Specifications (VDD1 = 3 V − 5.5 V; VDD2 = 4.5 V − 5.5 V; T = −40°C − 85°C unless otherwise stated)
Parameters
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Coil Input Resistance
RCOIL
47
85
112
Ω
T = 25°C
Coil Input Resistance
RCOIL
31
85
128
Ω
T = −40°C − 85°C
Coil Resistance Temperature Coefficient
TC RCOIL
0.2
0.25
Ω/°C
Coil Inductance
LCOIL
9
nH
High Level Input Current
IINH
0.5
1
mA
tIR = tIF = 3 ns;
CBOOST = 16 pF
Low Level Input Current
IINL
3.5
5
mA
Output voltage
VDD
V
IO = 0
Differential Output Voltage
|VOD1|
VDD
V
IO = 0
Differential Output Voltage
|VOD2|
2
3
V
RL = 100 Ω, VDD = 5 V
Differential Output Voltage(6)
VOD3
1.5
2.3
V
RL = 54 Ω, VDD = 5 V
Change in Magnitude(7) of Differential
Output Voltage
Δ|VOD|
±0.2
V
RL = 54 Ω or 100 Ω
Common Mode Output Voltage
VOC
3
V
RL = 54 Ω or 100 Ω
Change in Magnitude(7) of Common
Mode Output Voltage
Δ|VOC|
0.2
V
RL = 54 Ω or 100 Ω
Output Current(4)
1
−0.8
mA
mA
Output disabled,
VO = 12 V
VO = −7 V
|Short-circuit Output Current|
IOS
60
250
mA
−7 V < VO < 12 V
Supply Current (VDD2 = +5 V)
(VDD1 = +5 V)
IDD2
IDD1
6
2.5
7
3
mA
No Load
(Outputs Enabled)
Supply Current (VDD1 = +3.3 V)
IDD2
1.3
2
mA
No Load
(Outputs Enabled)
Common Mode Rejection
|CMH|,|CML|
15
20
kV/μs
VT = 300 Vpeak
Switching Specifications (VDD1 = 5 V; VDD2 = 5 V; T = −40°C − 85°C)
Parameters
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Data Rate
5
Mbps
RL = 54 Ω;
CL = 50 pF;
Cboost = 16pF
Differential Output Prop Delay
tD(OD)
40
65
ns
Pulse Skew(10)
tSK(P)
6
20
ns
Differential Output Rise and Fall Time
tT(OD)
3
12
25
ns
Drive Enable Time to High Level
tPZH
25
80
ns
Drive Enable Time to Low Level
tPZL
25
80
ns
Drive Disable Time from High Level
tPHZ
25
80
ns
Drive Disable Time from Low Level
tPLZ
25
80
ns
Skew Limit(3)
tSK(LIM)
8
ns
Switching Specifications (VDD1 = 3.3 V; VDD2 = 5 V; T = −40°C − 85°C)
Parameters
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Data Rate
5
Mbps
RL = 54 Ω;
CL = 50 pF;
Cboost = 16pF
Differential Output Prop Delay
tD(OD)
40
65
ns
Pulse Skew(10)
tSK(P)
6
20
ns
Differential Output Rise and Fall Time
tT(OD)
3
12
25
ns
Drive Enable Time to High Level
tPZH
25
80
ns
Drive Enable Time to Low Level
tPZL
25
80
ns
Drive Disable Time from High Level
tPHZ
25
80
ns
Drive Disable Time from Low Level
tPLZ
25
80
ns
Skew Limit(3)
tSK(LIM)
8
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com