Electronic Components Datasheet Search
  English  ▼

X  

IL3285 Datasheet(PDF) 10 Page - NVE Corporation

Part # IL3285
Description  Fractional Load Passive Input RS-485 and RS-422 Isolated Transceivers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation

IL3285 Datasheet(HTML) 10 Page - NVE Corporation

Back Button IL3285 Datasheet HTML 6Page - NVE Corporation IL3285 Datasheet HTML 7Page - NVE Corporation IL3285 Datasheet HTML 8Page - NVE Corporation IL3285 Datasheet HTML 9Page - NVE Corporation IL3285 Datasheet HTML 10Page - NVE Corporation IL3285 Datasheet HTML 11Page - NVE Corporation IL3285 Datasheet HTML 12Page - NVE Corporation IL3285 Datasheet HTML 13Page - NVE Corporation IL3285 Datasheet HTML 14Page - NVE Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
IL3285/IL3222
10
NVE Corporation
11409 Valley View Road, Eden Prairie, MN 55344-3617
Phone: (952) 829-9217
www.isoloop.com
iso-info@nve.com
iso-apps@nve.com
Cabling, Data Rate and Terminations
Cabling
Use twisted-pair cable. The cable can be unshielded if it is short (less than 10 meters) and the data rate is slow (less than
100 Kbps). Otherwise, use screened cable with the shield tied to earth ground at one end only. Do not tie the shield to digital
ground. The other end of the shield may be tied to earth ground through an RC network. This prevents a DC ground loop in the
shield. Shielded cable minimizes EMI emissions and external noise coupling to the bus.
Data Rate
The longer the cable, the slower the data rate. The RS-485 bus can transmit ground over 4,000 feet (1,200 meters) or at 10 Mbps,
but not both at the same time. Transducer and cable characteristics combine to act as a filter with the general response shown in
Figure 3. Other parameters such as acceptable jitter affect the final cable length versus data rate tradeoff. Less jitter means better
signal quality but shorter cable lengths or slower data rates. Figure 4 shows a generally accepted 30% jitter and a corresponding
data rate versus cable length.
Figure 3. Cable Length vs. Data Rate (30% jitter).
Terminations
Transmission lines should be terminated to avoid reflections that cause data errors. In RS-485 systems both ends of the bus, not
every node, should be terminated. In RS-422 systems only the receiver end should be terminated.
100 Ω
Unterminated
Parallel
Proper termination is imperative when using IL3285 and IL3222 to minimize reflections. Unterminated lines are only suitable for
very low data rates and very short cable runs, otherwise line reflections cause problems. Parallel terminations are the most popular.
They allow high data rates and excellent signal quality.
Occasionally in noisy environments, fast pulses or noise appearing on the bus lines cause errors. One way of alleviating such errors
without adding circuit delays is to place a series resistor in the bus line. Depending on the power supply, the resistor should be
between 300 Ω (3 V supply) and 500 Ω (5 V supply).
1000
100
40
4000
100
1K
10K
100K
1M
10M
Data Rate (bps)
Cable Length (feet)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com