Electronic Components Datasheet Search
  English  ▼

X  

IL3285 Datasheet(PDF) 11 Page - NVE Corporation

Part # IL3285
Description  Fractional Load Passive Input RS-485 and RS-422 Isolated Transceivers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation

IL3285 Datasheet(HTML) 11 Page - NVE Corporation

Back Button IL3285 Datasheet HTML 7Page - NVE Corporation IL3285 Datasheet HTML 8Page - NVE Corporation IL3285 Datasheet HTML 9Page - NVE Corporation IL3285 Datasheet HTML 10Page - NVE Corporation IL3285 Datasheet HTML 11Page - NVE Corporation IL3285 Datasheet HTML 12Page - NVE Corporation IL3285 Datasheet HTML 13Page - NVE Corporation IL3285 Datasheet HTML 14Page - NVE Corporation IL3285 Datasheet HTML 15Page - NVE Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
IL3285/IL3222
11
NVE Corporation
11409 Valley View Road, Eden Prairie, MN 55344-3617
Phone: (952) 829-9217
www.isoloop.com
iso-info@nve.com
iso-apps@nve.com
Typical Coil Connections
VDD1 = VDD2 = 5 V
R1, R2, R3 = 820 Ω
VDD1 = 3.3 V
R1, R2 = 510 Ω; R3 = 820 Ω
VDD1 = VDD2 = 5 V
R1, R2, R3 = 820 Ω
VDD1 = 3.3 V
R1, R2 = 510 Ω; R3 = 820 Ω
Fail-Safe Operation
“Fail-safe operation” is defined here as the forcing of a logic high state on the “R” output in response to an open-circuit condition
between the “A” and “B” lines of the bus, or when no drivers are active on the bus.
Proper biasing can ensure fail-safe operation, that is a known state when there are no active drivers on the bus. IL3285 and IL3222
Isolated Transceivers include internal pull-up and pull-down resistors of approximately 200 kΩ in the receiver section (RFS-INT; see
figure on following page). These internal resistors are designed to ensure failsafe operation but only if there are no termination
resistors. The entire VDD will appear between inputs “A” and “B” if there is no loading and no termination resistors, and there will
be more than the required 200 mV with up to four RS-485/RS-422 worst-case one-eighth unit loads of 96 kΩ. Many designs
operating below 1 Mbps or less than 1,000 feet are unterminated. Termination resistors may not be necessary for very low data
rates and very short cable runs because reflections have time to settle before data sampling, which occurs at the middle of the bit
interval.
In busses with low-impedance termination resistors, however, the differential voltage across the conductor pair will be close to
zero with no active drivers. In this case the state of the bus is indeterminate, and the idle bus will be susceptible to noise. For
example, with 120 Ω termination resistors (RT) on each end of the cable, and four eighth unit loads (96 kΩ each), without external
fail-safe biasing resistors the internal pull-up and pull-down resistors will produce a voltage between inputs “A” and “B” of only
about one millivolt. This is not nearly enough to ensure a known state. External fail-safe biasing resistors (RFS-EXT) at one end of
the bus can ensure fail-safe operation with a terminated bus. Resistors should be selected so that under worst-case power supply
and resistor tolerances there is at least 200 mV across the conductor pair with no active drivers to meet the input sensitivity
specification of the RS-422 and RS-485 standards.
Using the same value for pull-up and pull-down biasing resistors maintains balance for positive- and negative going transitions.
Lower-value resistors increase inactive noise immunity at the expense of quiescent power consumption. Note that each Unit Load
on the bus adds a worst-case loading of 12 kΩ across the conductor pair, and 256 one-eighth unit loads add 375 Ω worst-case
loading. The more loads on the bus, the lower the required values of the biasing resistors.
In the example with two 120 Ω termination resistors and four eighth unit loads, 560 Ω external biasing resistors provide more than
200 mV between “A” and “B” with adequate margin for power supply variations and resistor tolerances. This ensures a known
state when there are no active drivers. Other illustrative examples are shown in the following table:
R
RE
A
B
V
DD2
V
COIL2
V
COIL1
V
DD1
DE
D
R1
16pF ±50%
16pF ±50%
16pF ±50%
R2
R3
A
B
Z
R
RE
Y
V
COIL2
V
DD2
V
COIL1
V
DD1
DE
D
R1
R2
R3
16pF ±50%
16pF ±50%
16pF ±50%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com