Electronic Components Datasheet Search
  English  ▼

X  

FC8022D2AL Datasheet(PDF) 31 Page - Positronic.

Part # FC8022D2AL
Description  Positronic Provides Complete Capability
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

FC8022D2AL Datasheet(HTML) 31 Page - Positronic.

Back Button FC8022D2AL Datasheet HTML 27Page - Positronic. FC8022D2AL Datasheet HTML 28Page - Positronic. FC8022D2AL Datasheet HTML 29Page - Positronic. FC8022D2AL Datasheet HTML 30Page - Positronic. FC8022D2AL Datasheet HTML 31Page - Positronic. FC8022D2AL Datasheet HTML 32Page - Positronic. FC8022D2AL Datasheet HTML 33Page - Positronic. FC8022D2AL Datasheet HTML 34Page - Positronic. FC8022D2AL Datasheet HTML 35Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 86 page
background image
C
A
E
B
B1
D
D1
G
H
10° Typ.
0.120±0.010 [3.05±0.25]
0.032 [0.81]
Total diametral float
Ø0.086+0.005
-0.000
[Ø2.18+0.13
-0.00
]
Mounting hole, two places
for stainless steel shell (0 option)
two places (02 option)
Ø0.120±0.005 [Ø3.05±0.13]
Mounting hole, two places
Ø0.120±0.005 [Ø3.05±0.13]
Mounting hole, two places
Ø0.154 [3.91] Mounting hole,
0.055±0.015
[1.407±0.38]
0.039±0.010
[0.99±0.25]
0.220 [5.59]
max.
0.050±0.010
[1.27±0.25]
K
M
0.375 [9.53]
max.
CBC7W2S00000
CBC17W2M00000
STANDARD SHELL ASSEMBLY
TYPICAL CONNECTOR TOP VIEW
SHELL SIZES
A
±0.015
[0.38]
B
±0.005
[0.13]
B1
±0.005
[0.13]
C
±0.005
[0.13]
D
±0.005
[0.13]
D1
±0.005
[0.13]
E
±0.015
[0.38]
G
±0.010
[0.25]
H
±0.010
[0.25]
K
±0.005
[0.13]
M
±0.010
[0.25]
SHELL SIZE 1 MALE
1.213
[30.81]
0.666
[16.92]
0.984
[24.99]
0.329
[8.36]
0.494
[12.55]
0.759
[19.28]
0.422
[10.72]
0.233
[5.92]
0.422
[10.72]
SHELL SIZE 1 FEMALE
1.213
[30.81]
0.643
[16.33]
0.984
[24.99]
0.311
[7.90]
0.494
[12.55]
0.759
[19.28]
0.422
[10.72]
0.243
[6.17]
0.429
[10.90]
SHELL SIZE 2 MALE
1.541
[39.14]
0.994
[25.25]
1.312
[33.32]
0.329
[8.36]
0.494
[12.55]
1.083
[27.51]
0.422
[10.72]
0.233
[5.92]
0.422
[10.72]
SHELL SIZE 2 FEMALE
1.541
[39.14]
0.971
[24.66]
1.312
[33.32]
0.311
[7.90]
0.494
[12.55]
1.083
[27.51]
0.422
[10.72]
0.243
[6.17]
0.429
[10.90]
SHELL SIZE 3 MALE
2.088
[53.04]
1.534
[38.96]
1.852
[47.04]
0.329
[8.36]
0.494
[12.55]
1.625
[41.28]
0.422
[10.72]
0.230
[5.84]
0.426
[10.82]
SHELL SIZE 3 FEMALE
2.088
[53.04]
1.511
[38.38]
1.852
[47.04]
0.311
[7.90]
0.494
[12.55]
1.625
[41.28]
0.422
[10.72]
0.243
[6.17]
0.429
[10.90]
SHELL SIZE 4 MALE
2.729
[69.32]
2.182
[55.42]
2.500
[63.50]
0.329
[8.36]
0.494
[12.55]
2.272
[57.71]
0.422
[10.72]
0.230
[5.84]
0.426
[10.82]
SHELL SIZE 4 FEMALE
2.729
[69.32]
2.159
[54.84]
2.500
[63.50]
0.311
[7.90]
0.494
[12.55]
2.272
[57.71]
0.422
[10.72]
0.243
[6.17]
0.429
[10.90]
SHELL SIZE 5 MALE
2.635
[66.93]
2.079
[52.81]
2.406
[61.11]
0.441
[11.20]
0.605
[15.37]
2.178
[55.32]
0.534
[13.56]
0.230
[5.84]
0.426
[10.82]
SHELL SIZE 5 FEMALE
2.635
[66.93]
2.064
[52.43]
2.406
[61.11]
0.423
[10.74]
0.605
[15.37]
2.178
[55.32]
0.534
[13.56]
0.243
[6.17]
0.429
[10.90]
SHELL SIZE 6 MALE
2.729
[69.32]
2.212
[56.18]
2.500
[63.50]
0.503
[12.78]
0.668
[16.97]
2.302
[58.47]
0.596
[15.14]
0.230
[5.84]
0.426
[10.82]
SHELL SIZE 6 FEMALE
2.729
[69.32]
2.189
[55.60]
2.500
[63.50]
0.485
[12.32]
0.668
[16.97]
2.302
[58.47]
0.596
[15.14]
0.243
[6.17]
0.429
[10.90]
Shell Sizes 1 & 2 =
0.265±0.015 [6.73±0.38]
Shell Sizes 3, 4, 5 & 6 =
0.256±0.015 [6.50±0.38]
RECOMMENDED MATING DIMENSIONS
OPTIONAL SHELL ASSEMBLY
WITH UNIVERSAL FLOAT MOUNTS (F)
OPTIONAL SHELL ASSEMBLY (0, 02)
Combo-D
D-Sub
Positronic
connectpositronic.com
PROFESSIONAL, INDUSTRIAL AND MILITARY QUALITY
THREE PERFORMANCE LEVELS FOR BEST COST/PERFORMANCE RATIO
STANDARD DENSITY CRIMP REMOVABLE CONTACTS
Combo-D
D-Sub
Positronic
connectpositronic.com
25
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com