Electronic Components Datasheet Search
  English  ▼

X  

FC8022D2AL Datasheet(PDF) 42 Page - Positronic.

Part # FC8022D2AL
Description  Positronic Provides Complete Capability
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

FC8022D2AL Datasheet(HTML) 42 Page - Positronic.

Back Button FC8022D2AL Datasheet HTML 38Page - Positronic. FC8022D2AL Datasheet HTML 39Page - Positronic. FC8022D2AL Datasheet HTML 40Page - Positronic. FC8022D2AL Datasheet HTML 41Page - Positronic. FC8022D2AL Datasheet HTML 42Page - Positronic. FC8022D2AL Datasheet HTML 43Page - Positronic. FC8022D2AL Datasheet HTML 44Page - Positronic. FC8022D2AL Datasheet HTML 45Page - Positronic. FC8022D2AL Datasheet HTML 46Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 86 page
background image
37
A2
A1
8
7
36
23
22
15
43
29
16
30
1
0.100 [2.54]
0.308 [7.82]
0.150 [3.81]
0.358 [9.09]
0.095 [2.41] Typ.
2x 1.250 [31.75]
2x ØA
43x ØC
2x Ø0.123±0.003 [3.12±0.08]
B
B
37
A2
A1
8
7
36
23
22
15
43
29
16
30
1
0.100 [2.54]
0.308 [7.82]
0.150 [3.81]
0.358 [9.09]
0.095 [2.41] Typ.
2x 1.250 [31.75]
43x Ø0.045
[1.14]
2x Ø0.123±0.003 [3.12±0.08]
0.100 [2.54]
0.100 [2.54]
2x Ø0.145
[3.68]
0.396 [10.06]
37
A2
A1
8
7
36
23
22
15
43
29
16
30
1
0.100 [2.54]
0.308 [7.82]
0.150 [3.81]
0.358 [9.09]
0.095 [2.41] Typ.
2x 1.250 [31.75]
43x Ø0.035 [0.89]
2x Ø0.123±0.003 [3.12±0.08]
0.078 [1.98]
0.078 [1.98]
0.100 [2.54]
0.100 [2.54]
37
A2
A1
8
7
36
23
22
15
43
29
16
30
1
0.100 [2.54]
0.308 [7.82]
0.150 [3.81]
0.358 [9.09]
0.095 [2.41] Typ.
2x 1.250 [31.75]
50x Ø0.045 [1.14]
2x Ø0.123±0.003 [3.12±0.08]
0.100 [2.54]
0.100 [2.54]
0.044 [1.12]
0.156 [3.96]
0.056 [1.42]
A2
A1
0.010 [0.25]
0.055 [1.40]
0.035 [0.89]
0.080 [2.03]
0.187 [4.75] Typ.
2x 0.492 [12.50]
6x ØC
2x Ø0.123±0.003
[3.12±0.08]
B
B
1
2
4
6
5
2x ØA
16
A1
4
7
15
10
9
6
18
12
7
13
1
0.160 [4.06]
0.205 [5.21]
0.090 [2.29] Typ.
2x 0.656
[16.66]
ØA
18x ØC
2x Ø0.123±0.003
[3.12±0.08]
B
B
16
A1
4
3
15
10
9
6
18
12
7
13
1
0.160 [4.06]
0.205 [5.21]
0.090 [2.29] Typ.
2x 0.656
[16.66]
18x Ø0.045
[1.14]
2x Ø0.123±0.003
[3.12±0.08]
0.100 [2.54]
0.100 [2.54]
Ø0.145 [3.68]
0.396 [10.06]
16
A1
4
3
15
10
9
6
18
12
7
13
1
0.160 [4.06]
0.205 [5.21]
0.090 [2.29] Typ.
2x 0.656
[16.66]
18x Ø0.035 [0.89]
2x Ø0.123±0.003
[3.12±0.08]
0.078 [1.98]
0.078 [1.98]
0.100 [2.54]
0.100 [2.54]
16
A1
4
3
15
10
9
6
18
12
7
13
1
0.160 [4.06]
0.205 [5.21]
0.090 [2.29] Typ.
2x 0.656
[16.66]
21x Ø0.045 [1.14]
2x Ø0.123±0.003
[3.12±0.08]
0.100 [2.54]
0.100 [2.54]
0.044 [1.12]
0.156 [3.96]
0.056 [1.42]
6x Ø0.045 [1.14]
3x Ø0.045 [1.14]
CBDD8W2M3
CBDD8W2M4
CBDD8W2M93
CBDD19W1M3, 35, 36, 37
CBDD19W1M4, 45
CBDD19W1M93
CBDD19W1M47
CBDD45W2M3, 35, 36, 37
CBDD45W2M4, 45
CBDD45W2M93
CBDD45W2M47
CBDD19W1M65
CBDD19W1M84
CBDD45W2M65
CBDD45W2M84
PRINTED BOARD MOUNT CONTACT HOLE PATTERN
HOLE IDENTIFICATION SHOWN FOR MALE CONNECTOR; USE MIRROR IMAGE FOR FEMALE CONNECTOR.
MOUNT RIGHT ANGLE (90°) CONNECTOR WITH MATING FACE POSITIONED TO FOLLOW DIRECTION OF ARROWS.
VARIANT CODE
ØA
B
ØC
8W2
3
0.080 [2.03]
0.078 [1.98]
0.035 [0.89]
4
0.080 [2.03]
0.100 [2.54]
0.045 [1.14]
93
See chart for size 16
contact on page 85.
0.078 [1.98]
See chart for size 22
contact on page 85.
19W1
AND
45W2
3, 35
0.098 [2.49]
0.078 [1.98]
0.035 [0.89]
36
0.114 [2.90]
37
0.145 [3.68]
4, 45
0.098 [2.49]
0.100 [2.54]
0.045 [1.14]
47
N/A
N/A
N/A
65
N/A
N/A
N/A
84
N/A
N/A
N/A
93
See chart for size 8
contact on page 85.
0.078 [1.98]
See chart for size 22
contact on page 85.
36
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.
PROFESSIONAL, INDUSTRIAL AND MILITARY QUALITY
THREE PERFORMANCE LEVELS FOR BEST COST/PERFORMANCE RATIO
HIGH DENSITY PCB MOUNT
Combo-D
D-Sub
Positronic
connectpositronic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com