Electronic Components Datasheet Search
  English  ▼

X  

FC8022D2AL Datasheet(PDF) 60 Page - Positronic.

Part # FC8022D2AL
Description  Positronic Provides Complete Capability
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

FC8022D2AL Datasheet(HTML) 60 Page - Positronic.

Back Button FC8022D2AL Datasheet HTML 56Page - Positronic. FC8022D2AL Datasheet HTML 57Page - Positronic. FC8022D2AL Datasheet HTML 58Page - Positronic. FC8022D2AL Datasheet HTML 59Page - Positronic. FC8022D2AL Datasheet HTML 60Page - Positronic. FC8022D2AL Datasheet HTML 61Page - Positronic. FC8022D2AL Datasheet HTML 62Page - Positronic. FC8022D2AL Datasheet HTML 63Page - Positronic. FC8022D2AL Datasheet HTML 64Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 86 page
background image
SIZE 8 CONTACT STABILIZATION FEATURE
MINIMIZES FLOAT IN SIZE 8 CONTACT POSITIONS
The stabilization feature is currently available
for the following male contact variants:
CBD size 8 male contacts are removed toward the rear
after utilizing front release tooling. Space must be provided
between the contact and the connector molding so the
tooling can slide over the mating portion of the contact. This
fact allows the contact to float.
In some applications this float creates problems in alignment
during mating. Many male contact CBD variants offer an
integral stabilizing feature to minimize problems created by
float in size 8 contacts. An alternate tool is used to remove the
contact if necessary. Tool number is 4311-0-1-0.
CONTACT
INSULATOR
STABILIZER
CONTACT
INSULATOR
A1
A2
A3
CBD/CBM3W3M
A1
A2
A3
A5
A4
A6
A7
A8
CBD/CBM8W8M
9
17
16
19
18
21
20
23
22
A1
A2
A3
1
31
27
25
24
26
29
28
30
3
2
5
4
7
6
15
8
32
A4
CBC36W4M
CBC43W2M
Add MOS -1570.4 to end of part number. Example: CBD3W3M00000-1570.4
WITH STABILIZER
WITHOUT STABILIZER
7
31
27
25 26
29
28
30
3
13
1 2
5
4
6
35
33
32
34
37
36
38
11
8
10
9
12
40
39
41
A1
A2
62
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.
UNIQUE FEATURES
Combo-D
D-Sub
Positronic
connectpositronic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com