Electronic Components Datasheet Search
  English  ▼

X  

FC8022D2AL Datasheet(PDF) 44 Page - Positronic.

Part # FC8022D2AL
Description  Positronic Provides Complete Capability
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

FC8022D2AL Datasheet(HTML) 44 Page - Positronic.

Back Button FC8022D2AL Datasheet HTML 40Page - Positronic. FC8022D2AL Datasheet HTML 41Page - Positronic. FC8022D2AL Datasheet HTML 42Page - Positronic. FC8022D2AL Datasheet HTML 43Page - Positronic. FC8022D2AL Datasheet HTML 44Page - Positronic. FC8022D2AL Datasheet HTML 45Page - Positronic. FC8022D2AL Datasheet HTML 46Page - Positronic. FC8022D2AL Datasheet HTML 47Page - Positronic. FC8022D2AL Datasheet HTML 48Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 86 page
background image
STEP 9 - ENVIRONMENTAL
COMPLIANCE OPTIONS
/AA - RoHS Compliant
NOTE: If compliance to environmental
legislation is not required, this step will not be
used. Example: CBDD8W2M93S000
*3 STEP 7 - LOCKING AND POLARIZING SYSTEMS
0
– None.
V3 – Lock Tab, connector front panel mounted.
V5 – Lock Tab, connector rear panel mounted.
VL – Lock Lever, used with Hoods only.
T
– Fixed Female Jackscrews.
T2 – Fixed Female Jackscrews.
T6 – Fixed Male and Female Polarized Jackscrews.
E
– Rotating Male Jackscrews.
E2 – Rotating Male Screw Locks.
E3 – Rotating Male with Internal Hex for 3/32 Hex Drives
E6 – Rotating Male and Female Polarized Jackscrews.
NOTES
*1 45W2 variant currently available in male only.
*2 Power contacts are always supplied with “Closed Entry” female contacts.
*3 For additional information on accessories listed in steps
5, 6, 7 and 10, see Accessory Catalog.
*4 When using G hood with CBDD variants, use the extended height hood.
See Accessories Catalog for extended G hood options.
*5 For stainless steel dimpled male versions, contact Technical Sales.
*6 For technical, dimensional and PCB layout information on 15W4 variants,
contact Technical Sales.
STEP 3 - CONNECTOR GENDER
*2 F - Female - Professional Level -
Open Entry Signal Contacts
M - Male
*2 S - Female - Industrial / Military Level -
PosiBand Closed Entry Signal Contacts
1
2
3
4
5
6
7
8
9
CBDD 19W1
M
93
S
0
0
0
/AA
10
-14
*3 STEP 10 - SPECIAL OPTIONS
FOR SPECIAL OPTIONS, SEE
SPECIAL OPTIONS APPENDIX
ON PAGE 81.
CONTACT TECHNICAL SALES
FOR ORDERING DETAILS OF
THE FOLLOWING:
Other Special Requirements.
Straight and Right Angle Thermocouple
PCB mount contacts
STEP 8 - SHELL OPTIONS
0 – Zinc Plated, with Chromate Seal.
*5 S – Stainless Steel, passivated.
X – Tin Plated.
Z – Tin Plated and Dimpled (male connectors only).
*3 STEP 6 - HOODS AND PUSH-ON FASTENERS
0 – None
AN – Lightweight Aluminum Hood, nickel finish
AC – Lightweight Aluminum Hood, no finish
H – Hood, Top Opening, Metal
*4 G – Hood, EMI/RFI, Die Cast Zinc
N – Push-on Fastener, for Right Angle (90°) Mounting Brackets
Z – Hood, Top or Side Opening, robust extended height, plastic
and composite, with rotating male jackscrews
*3 STEP 5 - MOUNTING STYLE
0 – Mounting Hole, 0.120 [3.05] Ø
02 – Mounting Hole, 0.154 [3.91] Ø
B3 – Bracket, Mounting, Right Angle (90°) Metal with Cross Bar
B8 – Bracket, Mounting, Right Angle (90°) Plastic with Cross Bar
F – Float Mounts, Universal
P – Threaded Post, Brass, 0.250 [6.35] Length
P2 – Threaded Post, Nylon, 0.250 [6.35] Length
R2 – Bracket, Mounting, Right Angle (90°) Metal, Swaged to Connector
with 4-40 Thread Fixed Female Jackscrews with Cross Bar
R6 – Bracket, Mounting, Right Angle (90°) Metal, Swaged to Connector
with 0.120 [3.05] Ø Mounting Hole with Cross Bar
R7 – Bracket, Mounting, Right Angle (90°) Metal, Swaged to Connector
with 4-40 Threads with Cross Bar
R8 – Bracket, Mounting, Right Angle (90°) Metal, Swaged to Connector
with 4-40 Locknut with Cross Bar
S – Swaged Spacer, 4-40 Threads, 0.250 [6.35] Length, Spacer length
changes to 0.265 [6.73] when used in conjunction with Code 93
contacts
S2 – Swaged Spacer, 4-40 Threads, 0.125 [3.18] Length
S5 – Swaged Locknut, 4-40 Threads
S6 – Swaged Spacer with Push-on Fastener, 4-40 Threads, 0.250 [6.35]
Length
STEP 4 - CONTACT TERMINATION TYPE
21 – Fixed Solder Cup, 22 AWG-30 AWG [0.3mm2-0.05mm2].
3 – Solder, Straight Printed Board Mount with Signal Contacts
0.170 [4.32] Tail Length.
35 – Solder, Straight Printed Board Mount with Signal and 0.078
[1.98] Ø Power Contacts, 0.170 [4.32] Tail Length.
36 – Solder, Straight Printed Board Mount with Signal and 0.094
[2.39] Ø Power Contacts, 0.170 [4.32] Tail Length.
37 – Solder, Straight Printed Board Mount with Signal and 0.125
[3.18] Ø Power Contacts, 0.170 [4.32] Tail Length.
4 – Solder, Right Angle (90°) Printed Board Mount with Signal
Contacts, 0.314 [7.98] Signal Contact Extension.
45 – Solder, Right Angle (90°) Printed Board Mount with Signal
and 0.078 [1.98] Ø Power Contacts, 0.314 [7.98] Signal
Contact Extension.
47 – Solder, Right Angle (90°) Printed Board Mount with Signal
and 0.125 [3.18] Ø Power Contacts, 0.314 [7.98]
Signal Contact Extension.
65 – Solder, Straight Printed Board Mount with Signal and
Shielded Contacts MDS/FDS 4201D footprint, 0.170 [4.32]
Signal Contact Tail Length.
84 – Solder, Right Angle (90°) Printed Board Mount with Signal
and Shielded Contacts MRT/FRT 4201D footprint, 0.314
[7.98] Signal Contact Extension.
93 – Signal Omega type compliant and Power Bi-Spring type
compliant, termination length 0.225 [5.72].
STEP 2 - CONNECTOR VARIANTS
Shell Size 2 - 19W1
*6 Shell Size 3 - 15W4
*1 Shell Size 4 - 45W2
STEP
EXAMPLE
STEP 1 - BASIC SERIES
CBDD Series -
CBHD Series - High Conductivity
Power Contacts
ORDERING INFORMATION - CODE NUMBERING SYSTEM
Specify Complete Connector By Selecting An Option From Step 1 Through 8
FOR CONNECTORS INCLUDING SIZE 8 CONTACTS
NEW!
38
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.
PROFESSIONAL, INDUSTRIAL AND MILITARY QUALITY
THREE PERFORMANCE LEVELS FOR BEST COST/PERFORMANCE RATIO
HIGH DENSITY PCB MOUNT
Combo-D
D-Sub
Positronic
connectpositronic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com