Electronic Components Datasheet Search
  English  ▼

X  

FC8022D2AL Datasheet(PDF) 36 Page - Positronic.

Part # FC8022D2AL
Description  Positronic Provides Complete Capability
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

FC8022D2AL Datasheet(HTML) 36 Page - Positronic.

Back Button FC8022D2AL Datasheet HTML 32Page - Positronic. FC8022D2AL Datasheet HTML 33Page - Positronic. FC8022D2AL Datasheet HTML 34Page - Positronic. FC8022D2AL Datasheet HTML 35Page - Positronic. FC8022D2AL Datasheet HTML 36Page - Positronic. FC8022D2AL Datasheet HTML 37Page - Positronic. FC8022D2AL Datasheet HTML 38Page - Positronic. FC8022D2AL Datasheet HTML 39Page - Positronic. FC8022D2AL Datasheet HTML 40Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 86 page
background image
0.250 [6.35]
Ø0.020 [0.51]
0.010 [0.25]
nominal
0.170 [4.32]
Push-on fastener,
phosphor bronze
Fixed female jackscrews
Ø D
Ø0.063 [1.60]
0.250 [6.35]
Ø0.020 [0.51]
0.010 [0.25]
nominal
0.170 [4.32]
Fixed female jackscrews
Push-on fastener,
phosphor bronze
0.082 [2.08]
0.145 [3.68]
2
22 AWG max.
[0.25mm ]
Fixed female jackscrews
Fixed female
jackscrew
Fixed male
jackscrew
CONTACT
CODE
D Ø
3
---------
For solder cup contacts,
specify code 21 in step 4 of
ordering information.
SOLDER CUP CONNECTOR
CODE 21
STRAIGHT PRINTED BOARD MOUNT CONNECTOR
CODE 3, 35, 36, AND 37
For straight printed board
mount contacts, specify
code 3 in step 4 of
ordering information.
Fixed male and female polarized jackscrews available.
Specify code T6 in step 7 of ordering information.
Typical part number: CBDD19W1M2100T60
Typical part number: CBDD19W1M2100T0
Typical part number: CBDD8W2F3S60T2X
Typical part number: CBDD19W1F35S60T2X
CONTACT
CODE
D Ø
3
---------
35
0.078
[1.98]
36
0.094
[2.39]
37
0.125
[3.18]
For straight printed board
mount contacts, specify
code no. in step 4 of
ordering information.
30
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.
PROFESSIONAL, INDUSTRIAL AND MILITARY QUALITY
THREE PERFORMANCE LEVELS FOR BEST COST/PERFORMANCE RATIO
HIGH DENSITY PCB MOUNT
Combo-D
D-Sub
Positronic
connectpositronic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com