| Electronic Components Datasheet Search |
|
FC8022D2AL Datasheet(PDF) 73 Page - Positronic. |
|
|
|||||||||||||||||||||||||||||
FC8022D2AL Datasheet(HTML) 73 Page - Positronic. |
|
73 / 86 page ![]() 0.882 [22.40] 0.354 [8.99] ØA Ø0.142 [3.61] 0.858 [21.80] 0.640 [16.26] MAX. ØA 0.354 [8.99] MALE CONTACT *1 FEMALE CONTACT “CLOSED ENTRY” DESIGN, L.S.A. REMOVABLE CRIMP POWER CONTACT FOR USE WITH CBD, CBC, CBCD AND CBDD SERIES CONNECTORS SIZE 8 *1 NOTE: Female contacts feature Large Surface Area (L.S.A.) closed entry contact design which provides maximum mating surfaces between male and female contact and reduced contact resistance during operation. “S” in part number indicates high conductiv- ity copper alloy material. For contact current rating, see page 4. REMOVABLE SOLDER CUP POWER CONTACT FOR USE WITH CBD, CBC, CBCD AND CBDD SERIES CONNECTORS SIZE 8 0.882 [22.40] ØB Ø0.142 [3.61] 0.858 [21.80] 0.640 [16.26] MAX. ØB ØA ØA *1 FEMALE CONTACT “CLOSED ENTRY” DESIGN, L.S.A. MALE CONTACT FEMALE PART NUMBER WIRE SIZE AWG [mm2] Ø A Ø B FS4008D 8 [10.0] 0.219 [5.56] 0.188 [4.78] FS4012D 12 [4.0] 0.143 [3.63] 0.112 [2.84] FS4016D 16 [1.5] 0.100 [2.54] 0.069 [1.75] MALE PART NUMBER WIRE SIZE AWG [mm2] Ø A Ø B MS4008D 8 [10.0] 0.219 [5.56] 0.188 [4.78] MS4012D 12 [4.0] 0.143 [3.63] 0.112 [2.84] MS4016D 16 [1.5] 0.100 [2.54] 0.069 [1.75] *1 NOTE: Female contacts feature Large Surface Area (L.S.A.) closed entry contact design which provides maximum mating surfaces between male and female contact and reduced contact resistance during operation. For contact current rating, see page 4. FEMALE PART NUMBER WIRE SIZE AWG [mm2] Ø A FC4008DS 8 [10.0] 0.181 [4.60] FC4008D 8 [10.0] 0.181 [4.60] FC4010D 10 [5.3] 0.122 [3.10] FC4012D 12 [4.0] 0.101 [2.57] FC4016D 16 [1.5] 0.067 [1.70] MALE PART NUMBER WIRE SIZE AWG [mm2] Ø A MC4008DS 8 [10.0] 0.181 [4.60] MC4008D 8 [10.0] 0.181 [4.60] MC4010D 10 [5.3] 0.122 [3.10] MC4012D 12 [4.0] 0.101 [2.57] MC4016D 16 [1.5] 0.067 [1.70] Note: Connectors can be kitted with all applicable removable contacts, contact Technical Sales for connector part number. Note: Connectors can be kitted with all applicable removable contacts, contact Technical Sales for connector part number. For information regarding crimp tool and crimping tool techniques, see Application Tools section, page 82. 75 DIMENSIONS ARE IN INCHES [MILLIMETERS]. ALL DIMENSIONS ARE SUBJECT TO CHANGE. REMOVABLE CONTACTS Combo-D D-Sub Positronic connectpositronic.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |