Electronic Components Datasheet Search
  English  ▼

X  

FC8022D2AL Datasheet(PDF) 47 Page - Positronic.

Part # FC8022D2AL
Description  Positronic Provides Complete Capability
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

FC8022D2AL Datasheet(HTML) 47 Page - Positronic.

Back Button FC8022D2AL Datasheet HTML 43Page - Positronic. FC8022D2AL Datasheet HTML 44Page - Positronic. FC8022D2AL Datasheet HTML 45Page - Positronic. FC8022D2AL Datasheet HTML 46Page - Positronic. FC8022D2AL Datasheet HTML 47Page - Positronic. FC8022D2AL Datasheet HTML 48Page - Positronic. FC8022D2AL Datasheet HTML 49Page - Positronic. FC8022D2AL Datasheet HTML 50Page - Positronic. FC8022D2AL Datasheet HTML 51Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 86 page
background image
2X Ø120±0.005 [3.05±0.13]
mounting hole for stainless
steel shell (0 option).
2X Ø0.154 [3.91] mounting
hole (02 option).
0.032 [0.81] total
diametral float
2X Ø0.086+0.005-0.000
[2.18+0.13-0.00]
mounting hole
0.120±0.010 [3.05±0.25]
0.039±0.010
[0.99±0.25]
0.220 [5.59]
max.
0.050±0.010
[1.27±0.25]
K
M
2X Ø0.120±0.005 [3.05±0.13]
mounting hole
G
10° typ.
H
B
B1
E
C
A
D1 D
0.375 [9.53]
max.
0.055±0.015
[1.407±0.38]
OPTIONAL SHELL ASSEMBLY
WITH UNIVERSAL FLOAT MOUNTS (F)
OPTIONAL SHELL ASSEMBLY (0, 02)
CBCD45W2S00000
CBCD8W2S00000
STANDARD SHELL ASSEMBLY
Shell Sizes 1 & 2 =
0.265±0.015 [6.73±0.38]
Shell Sizes 3, 4, 5 & 6 =
0.256±0.015 [6.50±0.38]
RECOMMENDED MATING DIMENSIONS
SHELL
SIZES
VARIANT
A
±0.015
[0.38]
B
±0.005
[0.13]
B1
±0.005
[0.13]
C
±0.005
[0.13]
D
±0.005
[0.13]
D1
±0.005
[0.13]
E
±0.015
[0.38]
G
±0.010
[0.25]
H
±0.010
[0.25]
K
±0.005
[0.13]
M
±0.010
[0.25]
1
8W2M
1.213
[30.81]
0.666
[16.92]
0.984
[24.99]
0.329
[8.36]
0.494
[12.55]
0.759
[19.28]
0.422
[10.72]
0.233
[5.92]
0.422
[10.72]
8W2S
1.213
[30.81]
0.643
[16.33]
0.984
[24.99]
0.311
[7.90]
0.494
[12.55]
0.759
[19.28]
0.422
[10.72]
0.243
[6.17]
0.429
[10.90]
2
19W1M
1.541
[39.14]
0.994
[25.25]
1.312
[33.32]
0.329
[8.36]
0.494
[12.55]
1.083
[27.51]
0.422
[10.72]
0.233
[5.92]
0.422
[10.72]
19W1S
1.541
[39.14]
0.971
[24.66]
1.312
[33.32]
0.311
[7.90]
0.494
[12.55]
1.083
[27.51]
0.422
[10.72]
0.243
[6.17]
0.429
[10.90]
4
45W2S
2.729
[69.32]
2.159
[54.84]
2.500
[63.50]
0.311
[7.90]
0.494
[12.55]
2.272
[57.71]
0.422
[10.72]
0.243
[6.17]
0.429
[10.90]
TYPICAL CONNECTOR TOP VIEW
PROFESSIONAL, INDUSTRIAL AND MILITARY QUALITY
THREE PERFORMANCE LEVELS FOR BEST COST/PERFORMANCE RATIO
HIGH DENSITY CRIMP / SOLDER REMOVABLE CONTACTS
Combo-D
D-Sub
Positronic
connectpositronic.com
41
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com