Electronic Components Datasheet Search
  English  ▼

X  

FC8022D2AL Datasheet(PDF) 78 Page - Positronic.

Part # FC8022D2AL
Description  Positronic Provides Complete Capability
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

FC8022D2AL Datasheet(HTML) 78 Page - Positronic.

Back Button FC8022D2AL Datasheet HTML 74Page - Positronic. FC8022D2AL Datasheet HTML 75Page - Positronic. FC8022D2AL Datasheet HTML 76Page - Positronic. FC8022D2AL Datasheet HTML 77Page - Positronic. FC8022D2AL Datasheet HTML 78Page - Positronic. FC8022D2AL Datasheet HTML 79Page - Positronic. FC8022D2AL Datasheet HTML 80Page - Positronic. FC8022D2AL Datasheet HTML 81Page - Positronic. FC8022D2AL Datasheet HTML 82Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 86 page
background image
SERIES
CONNECTOR
VARIANT
GENDER
TERMINATION
TYPE
AVAILABLE
MODIFICATIONS
OF STANDARD OF
STANDARD (MOS)
SUFFIXES
DESCRIPTION OF MODIFICATION
CBD
3W3
F / M
0
-1841.0
Allows for molding to have positions A1 and A3 tooled only. Position A2 not
molded but numbering will remain.
CBD
5W5
F / M
0
-1841.1
Allows for molding to have positions 1, 3 and 5 tooled only. Positions 2
and 4 not molded but numbering will remain.
CBD
8W8
F / M
0
-1841.2
Allows for molding to have positions A1,A3,A5 and A7 tooled only.
Positions A2,A4,A6 and A8 not molded but numbering will remain.
CBD, CBM
3W3, 8W8
M
0
-1570.4
Integral stabilizing feature used to minimize size 8 contacts from floating in
the molding. Use tool number 4311-0-1-0 to remove contact if necessary.
CBC
36W4, 43W2
CBD, CBC,
CBDD, CBHD,
CBCD, CBDP*,
ACBDP, ACBMP
ALL
F / M
ALL
-14
Allows connector with signal contacts installed, for signal contacts only to
be plated 0.000030 [0.76 µ] gold over nickel.
CBD, CBC,
CBDD, CBHD,
CBCD, ACBDP,
ACBMP
ALL
F / M
ALL
-14-1062.1
Allows connector with signal and power contacts installed, for both signal
and power contacts to be plated 0.00030 [0.76 µ] gold over nickel
CBD, CBC,
CBDD, CBHD,
CBCD, CBDP*,
ACBDP, ACBMP
ALL
F / M
ALL
-15
Allows connector with signal contacts installed, for signal contacts only to
be plated 0.000050 inch [1.27µ] gold over nickel.
CBD, CBC,
CBDD, CBHD,
CBCD, ACBDP,
ACBMP
ALL
F / M
ALL
-15-1062.0
Allows connector with signal and power contacts installed, for both signal
and power contacts to be plated 0.000050 inch [1.27µ] gold over nickel.
CBD, CBM,
CBC, CBDD,
CBHD, CBCD
ALL
F / M
ALL
-1062.0
Allows connector with power contacts installed, for the power contacts only
to be plated 0.000050 inch [1.27µ] gold over nickel.
CBD, CBM,
CBC, CBDD,
CBHD, CBCD
ALL
F / M
ALL
-1062.1
Allows connector with power contacts installed, for the power contacts only
to be plated 0.00030 [0.76 µ] gold over nickel.
CBD, CBM,
CBC, CBDD,
CBHD, CBCD
ALL
F / M
ALL
-759.0
Allows connectors to be supplied with blind mate guides, lockwashers and
hexnuts installed. For connectors with a 4-40 threaded mounting style
install blind mate guides only. For connectors with a R3/R6 mounting
style install special blind mate guides with lockwashers and hexnuts. See
D-subminiature Accessories catalog for more details.
CBD, CBM,
CBC, CBDD,
CBHD, CBCD
ALL
F / M
ALL
-759.1
Allows connector, with any contacts to include blind mate mounting plate.
See D-subminiature Accessories catalog for more details.
QB
FOR
CONTACTS
F
FC40**D
CONTACTS
-1817.0
Allows for contacts to have a crimp barrel with a length of 0.310 [7.87].
QB
7W2, 9W4
M
56, 57
-1865.0
Connector with standard right angle (90°) brackets replaced with
4535-78-0 right angle (90°) brackets.
QB
7W2
M
N/A
-1845.0
Allows for a connector to be supplied with inverted bend. Contact tail
length below bracket of 0.122 [3.10] max. Alignment bar not required.
MANY OTHER SPECIAL OPTIONS ARE AVAILABLE REFER TO D-SUBMINIATURE ACCESSORIES CATALOG,
CONSULT TECHNICAL SALES OR VISIT OUR WEBSITE AT WWW.CONNECTPOSITRONIC.COM
MODIFICATION (MOS) SUFFIXES
Specify complete connector by selecting a base part number from the desired series Ordering Information Page. Once
base part number is selected, add desired modifications (MOS) number below to the end of the part number.
Example part number: CBD17W2F55R7NT2X/AA-14-1062.1
(Ordering information pages can be found at the end of each series)
NEW!
NEW!
81
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.
SPECIAL OPTIONS
APPENDIX
Combo-D
D-Sub
Positronic
connectpositronic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com