Electronic Components Datasheet Search
  English  ▼

X  

FC8022D2AL Datasheet(PDF) 59 Page - Positronic.

Part # FC8022D2AL
Description  Positronic Provides Complete Capability
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

FC8022D2AL Datasheet(HTML) 59 Page - Positronic.

Back Button FC8022D2AL Datasheet HTML 55Page - Positronic. FC8022D2AL Datasheet HTML 56Page - Positronic. FC8022D2AL Datasheet HTML 57Page - Positronic. FC8022D2AL Datasheet HTML 58Page - Positronic. FC8022D2AL Datasheet HTML 59Page - Positronic. FC8022D2AL Datasheet HTML 60Page - Positronic. FC8022D2AL Datasheet HTML 61Page - Positronic. FC8022D2AL Datasheet HTML 62Page - Positronic. FC8022D2AL Datasheet HTML 63Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 86 page
background image
0.094 [2.38]
0.142 [3.60]
0.070 [1.78]
First mate contact
Second mate contact
Size 12 contacts
Size 8 contact
SEQUENTIAL MATING CONTACTS
Three levels of sequential mating are possible:
• First mate accomplished by a size 12 power contact. Male contact diameter
is 0.094 inch.
• Second mate accomplished by a size 8 power contact. Male contact diameter
is 0.142 inch.
• Third mate accomplished by size 20 signal contacts, as applicable.
Note: A third level can be accomplished with signal contacts where applicable.
Positronic Industries is
known around the world for
offering our customers flexibility when choosing connectors.
In addition to allowing
customers to create part numbers for particular applications,
Positronic offers a
wide variety of features and accessories within our products.
Positronic is also
eager to modify existing products to meet unique
customer requirements. If you do not find what you need
with this catalog, please
contact us for assistance.
CONTACT TECHNICAL SALES FOR MORE INFORMATION!
61
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.
UNIQUE FEATURES
Combo-D
D-Sub
Positronic
connectpositronic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com