Electronic Components Datasheet Search
  English  ▼

X  

34845 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # 34845
Description  Low cost six channel led backlight driver with integrated power supply
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34845 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  34845 Datasheet HTML 1Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 2Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 3Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
2
NXP Semiconductors
34845
1
Orderable parts
Table 1. Device variations
Part number (1)
Temperature
(TA)
Package
Boost switch current limit
IBOOST_LIMIT (A)
Switching frequency
fS (kHz)
Slope compensation VSLOPE
(V/
μs)
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
MC34845CEP
-40 to 85 °C
24 QFN-EP
1.9
2.1
2.3
540
600
660
-
0.52
-
MC34845DEP
2.1
2.35
2.6
270
300
330
0.22
Notes
1.
To order parts in Tape and Reel, add the R2 suffix to the part number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com