Electronic Components Datasheet Search
  English  ▼

X  

34845 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # 34845
Description  Low cost six channel led backlight driver with integrated power supply
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34845 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button 34845 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 11Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 12Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 13Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
10
NXP Semiconductors
34845
5
Functional description
5.1
Introduction
LED backlighting has been popular for use in small LCD displays for many years. This technology is now rapidly replacing the incumbent
Cold Cathode Fluorescent Lamp (CCFL) in mid-size displays such as those used use in notebooks, monitors, and industrial/ consumer
displays. LEDs offer a number of advantages compared to the CCFL, including lower power, thinner, longer lifetime, low voltage drive,
accurate wide-range dimming control, and advanced architectures for improved image quality. LEDs are also void of hazardous materials
such as mercury which is used in CCFL.
LED backlights use different architecture depending on the size of the display and features required. For displays in the 10” to 17” + range
such as those used in notebooks, edge-lit backlights offer very thin designs down to 2.0 mm or less. The efficiency of the LED backlight
also extends battery life in portable equipment compared to CCFL. In large size panels, direct backlights support advanced architectures
such as local dimming, in which power consumption and contrast ratio are drastically improved. Edge lighting can also be used in large
displays when low cost is the driving factor.
The 34845 targets mid size panel applications in the 10” to 17” + range with edge-lit backlights. The device supports LED currents up to
30 mA and supports up to six strings of LEDs. This enables backlights up to 10 W to be driven from a single device. The device includes
a boost converter to deliver the required LED voltage from either a two or three cell Li-ion battery, or a direct 12 V input supply. The current
drivers match the current between devices to provide superior uniformity across the display. The 34845 provides for a wide range of PWM
dimming from a direct PWM control input.
5.2
Functional device operation
5.2.1
Power supply
The 34845 supports 5.0 V to 21 V at the VIN input pin. Two internal regulators generate internal rails for internal operation. Both rails are
de-coupled using capacitors on the VDC1 and VDC2 pins. The VIN, VDC1, and VDC2 supplies each have their own UVLO mechanisms.
When any voltage is below the UVLO threshold, the device stops operating. All UVLO comparators have hysteresis to ensure constant
on/off cycling does not occur.
The power up sequence for applying VIN respect to the ENABLE and PWM signals is important since the 34845 device behaves differently
depending on how the sequence of these signals is applied. For the case where VIN is applied before the ENABLE and PWM signals, the
device has no limitation in terms of how fast the VIN ramp should be. However for the case where the PWM and ENABLE signals are
applied before VIN, the ramp up time of VIN between 0 V and 5.0 V should be no longer than 2.0 ms. Figure 4 and Figure 5 illustrate the
two different power up conditions.
Figure 4. Power up sequence case 1, VIN applied before the ENABLE and
PWM signals. No limitation for VIN ramp up time.
VIN
EN
PWM
VOUT
Boost
Soft Star t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com