Electronic Components Datasheet Search
  English  ▼

X  

34845 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 34845
Description  Low cost six channel led backlight driver with integrated power supply
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34845 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  34845 Datasheet HTML 1Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 2Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 3Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Document Number: MC34845
Rev. 8.0, 8/2016
NXP Semiconductors
Data Sheet: Technical Data
© 2016 NXP B.V.
Low cost six channel led backlight
driver with integrated power supply
The 34845 series represents high efficiency LED drivers for use in backlighting
LCD displays from 10” to 17”. Operating from supplies of 5.0 V to 21 V, the 34845
series is capable of driving up to 16 LEDs in series in six separate strings. The
LED current tolerance in the six strings is within ±2% maximum and is set using
a resistor to GND.
PWM dimming is performed by applying a PWM input signal to the PWM pin
which modulates the LED channels directly. An Enable Pin (EN) provides for low
power standby. Alternatively, a single wire scheme selects power down when
PWM is connected to the Wake pin and held low.
The integrated boost converter uses dynamic headroom control to automatically
set the output voltage. There are three device versions for boost frequency;
34845C is 600 kHz, and the 34845D is 300 kHz. External compensation allows
the use of different inductor/ capacitor combinations.
The 34845 includes fault protection modes for LED short and open,
overtemperature, overcurrent and overvoltage errors. It features an internally
fixed OVP value of 60 V (typical) which protects the device in the event of a failure
in the externally programmed OVP. The OVP level can be set by using an
external resistor divider. This device is powered using SMARTMOS technology.
Features
• Input voltage of 5.0 V to 21 V
• Boost output voltage up to 60 V
•2.0 A integrated boost FET
• Fixed boost frequency - 300 kHz or 600 kHz
• OTP, OCP, UVLO fault detection
• LED short/open protection
• Programmable LED current between 3.0 mA and 30 mA
Figure 1. 34845 simplified application diagram
34845
LED DRIVER
98ASA00602D
24-PIN QFN-EP
12V
FAIL
PGNDB
34845
SWA
SWB
VOUT
PGNDA
CH1
CH2
CH3
CH4
CH5
CH6
EP
EN
PWM
ISET
VIN
VDC1
VDC2
COMP
WAKE
~~ ~~ ~~ ~~ ~~ ~~
OVP
GND
GND
CONTROL
UNIT
5V
Applications
• PC notebooks
• Netbooks
• GPS screens
• Portable DVD players
• Picture frames
• Smaller screen televisions
• Industrial/instrumentation displays
• Health care device displays


Similar Part No. - 34845

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
34845 FREESCALE-34845 Datasheet
707Kb / 21P
Low Cost 6 Channel LED Backlight Driver with Integrated Power Supply
34845A FREESCALE-34845A Datasheet
707Kb / 21P
Low Cost 6 Channel LED Backlight Driver with Integrated Power Supply
34845B FREESCALE-34845B Datasheet
707Kb / 21P
Low Cost 6 Channel LED Backlight Driver with Integrated Power Supply
More results

Similar Description - 34845

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC34844 FREESCALE-MC34844 Datasheet
1Mb / 37P
10 Channel LED Backlight Driver with Integrated Power Supply
34844 FREESCALE-34844_08 Datasheet
1Mb / 36P
10 Channel LED Backlight Driver with Integrated Power Supply
34844 FREESCALE-34844_09 Datasheet
2Mb / 37P
10 Channel LED Backlight Driver with Integrated Power Supply
34845 FREESCALE-34845 Datasheet
707Kb / 21P
Low Cost 6 Channel LED Backlight Driver with Integrated Power Supply
logo
List of Unclassifed Man...
ZLED7022 ETC2-ZLED7022 Datasheet
433Kb / 16P
Low-Voltage Six-Channel LED Driver
logo
Freescale Semiconductor...
MC34844AEP FREESCALE-MC34844AEP Datasheet
2Mb / 62P
10 Channel LED Backlight Driver with Integrated Power Supply
MC34844AEPR2 FREESCALE-MC34844AEPR2 Datasheet
2Mb / 62P
10 Channel LED Backlight Driver with Integrated Power Supply
MC34844EP FREESCALE-MC34844EP Datasheet
2Mb / 62P
10 Channel LED Backlight Driver with Integrated Power Supply
logo
Integrated Device Techn...
ZLED7022 IDT-ZLED7022 Datasheet
294Kb / 14P
Low-Voltage Six-Channel LED Driver
logo
Renesas Technology Corp
ZLED7022 RENESAS-ZLED7022 Datasheet
469Kb / 15P
Low-Voltage Six-Channel LED Driver
April 20, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com