Electronic Components Datasheet Search
  English  ▼

X  

34845 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # 34845
Description  Low cost six channel led backlight driver with integrated power supply
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34845 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button 34845 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 11Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 12Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 13Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 14Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
NXP Semiconductors
11
34845
Figure 5. Power up sequence case 2, VIN applied after the ENABLE and PWM signals.
VIN ramp up time between 0 V and 5.0 V should be not higher than 2.0 ms
5.2.2
Boost converter
The boost converter uses a Dynamic Headroom Control (DHC) loop to automatically set the output voltage needed to drive the LED
strings. The DHC is designed to operate under specific pulse width conditions in the LED drivers. It operates for pulse widths higher than
400 ns. If the pulse widths are shorter than specified, the DHC circuit does not operate and the voltage across the LED drivers increase
to a value given by the OVP, minus the total LED voltage in the LED string. It is therefore imperative to select the proper OVP level to
avoid exceeding the max off state voltage of the LED drivers (45 V).
The boost operates in current mode and is compensated externally through a type 2 network on the COMP pin. A modification of the
compensation network is suggested to minimize the amplitude of the ripple at VOUT. The details of the suggested compensation network
are shown in Figure 10 and Figure 11.
An integrated 2.0 A minimum FET supplies the required output current. An overcurrent protection circuit limits the output current cycle-
by-cycle to IOCP. If the condition exists longer than 10 ms, then the device shuts down. The frequency of the boost converter is internally
set to 300 kHz or 600 kHz, depending on the device’s version.
The boost also includes a soft start circuit. Each time the IC comes out of shutdown mode, the soft start period lasts for tSS.
Overvoltage protection is also included. The device has an internally fixed OVP value of 60 V (typical) which serves as a secondary fault
protection mechanism, in the event the externally programmed OVP fails (i.e. resistor divider opens up). While the internal 60 V OVP
detector can be used exclusively without the external OVP network, this is only recommended for applications where the LED string
voltage approaches 55 V or more. The OVP level can be set by using an external resistor divider connected between the output voltage
and ground with its output connected to the OVP pin. The OVP can be set up to 60 V by varying the resistor divider to match the OVP
internal reference of 6.9 V (typical).
5.2.3
LED driver
The six channel LED driver provides current matching for six LED strings to within
±2% maximum. The current in the strings is set using
a resistor tied to GND from the ISET pin. The LED current level is given by the equation: RSET = 153/ ILED. The accuracy of the RSET
resistor should be 0.1% for best performance.
5.2.4
LED error detect
If an LED is open, the output voltage ramps to the OVP level. If there is still no current in the LED string, the LED channel is turned off
and the output voltage ramps back down to normal operating level.
If LEDs are shorted and the voltage in any of the channels is greater than the SFDV threshold (7.0 V typical), then the device turns off this
channel. However if the on-time of the channels is less than 10
μs, the SFDV circuit does not disable any of the channels, regardless of
the voltage across them. All the LED errors can be cleared by recycling the EN pin or applying a complete power-on-reset (POR).
VIN
EN
PWM
VOUT
Boost
Soft Start
5V
2ms
VIN ramp
UVLO Rising



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com