Electronic Components Datasheet Search
  English  ▼

X  

34845 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # 34845
Description  Low cost six channel led backlight driver with integrated power supply
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34845 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button 34845 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 11Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 12Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
NXP Semiconductors
9
34845
PWM input
PWMCONTROL
PWM Dimming Mode LED Current Control
• PWM = 3.3 V, fPWM = 600 Hz 10% duty;
• PWM = 3.3 V, fPWM = 600 Hz 50% duty
• PWM = 3.3 V, fPWM = 600 Hz 100% duty
9.9
49.5
-
10
50
100
10.1
50.5
-
%
tPWM_IN
Input Minimum Pulse PWM Pin (VPWM = 3.3 V)
• Start-up (Wake mode)
• Operational (Wake mode)
• Start-up (Enable mode)
• operational (Enable mode)
1.6
-
0.4
-
-
0.2
-
0.2
-
-
-
-
μs
fPWM
Input Frequency Range for PWM Pin
DC
-
100
kHz
Wake
tSHUTDOWN
Shutdown Mode Timeout
27
30
33
ms
Logic inputs (PWM)
VILL
Input Low Voltage
-0.3
-
0.5
V
VIHL
Input High Voltage
1.5
-
5.5
V
ISINK
Input Current
-1.0
-
1.0
μA
Logic inputs (EN)
VILL
Input Low Voltage
-0.3
-
0.5
V
VIHL
Input High Voltage
2.1
-
21
V
ISINK
Input Current (VEN = 12 V)
-
6.0
10
μA
Logic inputs (Wake)
VILL
Input Low Voltage
-0.3
-
0.5
V
VIHL
Input High Voltage
2.1
-
5.5
V
ISINK
Input Current
-1.0
-
1.0
μA
Table 4. Static and dynamic electrical characteristics (continued)
Characteristics noted under conditions VIN = 12 V, VOUT = 35 V, ILED = 30 mA, fS = 600 kHz, fPWM = 600 Hz - 40 °C ≤ TA ≤ 85 °C, unless
otherwise noted. Typical values noted reflect the approximate parameter means at TA = 25 °C under nominal conditions, unless otherwise
noted.
Symbol
Characteristic
Min.
Typ.
Max.
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com