Electronic Components Datasheet Search
  English  ▼

X  

34845 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # 34845
Description  Low cost six channel led backlight driver with integrated power supply
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34845 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button 34845 Datasheet HTML 3Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
NXP Semiconductors
7
34845
4.2
Static and dynamic electrical characteristics
Table 4. Static and dynamic electrical characteristics
Characteristics noted under conditions VIN = 12 V, VOUT = 35 V, ILED = 30 mA, fS = 600 kHz, fPWM = 600 Hz - 40 °C ≤ TA ≤ 85 °C, unless
otherwise noted. Typical values noted reflect the approximate parameter means at TA = 25 °C under nominal conditions, unless otherwise
noted.
Symbol
Characteristic
Min.
Typ.
Max.
Unit
Notes
Supply
VIN
Supply Voltage
5.0
10
21
V
ISHUTDOWN
Supply Current when in Shutdown Mode
• EN = Low, PWM = Low
-
2.0
10
μA
IOPERATIONAL
Supply Current when Operational Mode
• Boost = Pulse Skipping, Channels = 1% of Duty Cycle
EN = High, PWM = Low
-
5.0
6.5
mA
UVLO
Undervoltage Lockout
• VIN Rising
4.0
-
4.4
V
UVLOHYST
Undervoltage Hysteresis
• VIN Falling
-
0.25
-
V
VDC1
VDC1 Voltage
• CVDC1 = 2.2 μF
2.4
2.5
2.6
V
(7)
VDC2
VDC2 Voltage (VIN between 7.0 V and 21 V)
• CVD2C = 2.2 μF
5.7
6.0
6.3
V
(7)
Boost
VOUT1
VOUT2
Output Voltage Range
• VIN = 5.0 V
• VIN = 21 V
8.0
24
-
-
43
60
V
(8)
IBOOST_LIMIT
Boost Switch Current Limit
• 34845C
• 34845D
1.9
2.1
2.1
2.35
2.3
2.6
A
tBOOST_TIME
Boost Switch Current Limit Timeout
-
10
-
ms
RDS(on)
RDSON of Internal FET
• IDRAIN= 1.0 A
-
300
520
mW
IBOOST_LEAK
Boost Switch Off State Leakage Current
• VSWA,SWB = 60 V
-
-
1.0
mA
VOUTLEAK
Feedback pin Off State Leakage Current
• VOUT = 60 V
-
-
500
mA
EFFBOOST
Peak Boost Efficiency
• VOUT = 33 V, RL = 330 Ω
-
90
-
%
(9)
ILED/VIN
Line Regulation
• VIN = 7.0 V to 21 V, ICH = 30 mA
-0.2
-
0.2
%/V
ILED/VLED
Load Regulation
• VLED = 24 V to 40 V (all Channels), ICH = 30 mA
-0.2
-
0.2
%/V
DMIN
Minimum Duty Cycle
-
10
15
%
DMAX
Maximum Duty Cycle
88
90
-
%
VOVP_INT
OVP Internally Fixed Value
• (no external voltage resistor divider)
56
60
64
V
Notes
7.
This output is for internal use only and not to be used for other purposes.
8.
Minimum and maximum output voltages are dependent on Min/Max duty cycle condition.
9.
Boost efficiency test is performed under the following conditions: fSW = 600 kHz, VIN = 12 V, VOUT = 33 V and RL = 330 Ω. The following external
components are used: L = 10
μH, DCR = 0.1 Ω, COUT = 3x1 μF (ceramic), Schottky diode VF = 0.35 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com