Electronic Components Datasheet Search
  English  ▼

X  

34845 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # 34845
Description  Low cost six channel led backlight driver with integrated power supply
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34845 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button 34845 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 11Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
8
NXP Semiconductors
34845
Boost (continued)
VOVP_EXT
OVP Programming Range
• (set through an external resistor divider)
15
-
60
V
(10)
VREF_OVP
OVP Reference Voltage
6.3
6.9
7.5
V
ISINK_OVP
OVP Sink Current
-
0.2
-
μA
fS
Switching Frequency
• 34845C
• 34845D
540
270
600
300
660
330
kHz
tSS
Soft Start Time (fs = 600 kHz, 100% PWM duty)
-
3.0
-
ms
SS_VOUT
Soft Start VOUT Overshoot (fs = 600 kHz, 100% PWM duty)
-
-
OVP
V
BOOST_tR
Boost Switch Rise Time
-
8.0
-
ns
BOOST_tF
Boost Switch Fall Time
-
6.0
-
ns
ACSA
Current sense Amplifier Gain
-
9.0
-
GM
OTA Transconductance
-
200
-
μS
ISS
Transconductance Sink and Source Current Capability
-
100
-
μA
VSLOPE
Slope Compensation
• 34845C
• 34845D
-
-
0.52
0.22
-
-
V/
μs
LED driver
ILED
LED Driver Sink Current
• RISET = 51 kΩ 0.1%, PWM = 3.3 V
• RISET = 5.1 kΩ 0.1%, PWM = 3.3 V
2.88
29.4
3.0
30
3.12
30.6
mA
VISET
ISET Pin Voltage
• RISET = 5.1 kΩ 0.1%
2.011
2.043
2.074
V
VMIN
Regulated Minimum Voltage Across LED Drivers
• Pulse Width > 400 ns
0.675
0.75
0.825
V
ITOLERANCE
LED Current Channel to Channel Tolerance
• 10 mA
≤ ILED ≤ 30 mA
• 3.0 mA
≤ ILED < 10 mA
-2.0
-4.0
-
-
2.0
4.0
%
ICH_LEAK
Off State leakage Current, All Channels
• VCH = 45 V
-
-
1.0
μA
tR/tF
LED Channels Rise and Fall Time
-
50
75
ns
OFDV
LED Open Protection, Channel Disabled if VCH ≤ OFDV
-
-
0.55
V
SFDV
LED Short Protection Voltage, Channel Disabled if VCH ≥ SFDV
(channel on time
≥ 10 μs)
6.5
7.0
7.5
V
Fail pin
IFAIL_LEAK
Off State Leakage Current
• VFAIL = 5.5 V
-
-
5.0
μA
VOL
On State Voltage Drop
• ISINK = 4.0 mA
-
-
0.4
V
Overtemperature shutdown
OTTSHUTDOWN
Over-temperature Threshold (shutdown mode)
• Rising
• Hysteresis
150
-
165
25
-
-
°C
Notes
10.
The OVP level must be set 5.0 V above the worst-case LED string voltage.
Table 4. Static and dynamic electrical characteristics (continued)
Characteristics noted under conditions VIN = 12 V, VOUT = 35 V, ILED = 30 mA, fS = 600 kHz, fPWM = 600 Hz - 40 °C ≤ TA ≤ 85 °C, unless
otherwise noted. Typical values noted reflect the approximate parameter means at TA = 25 °C under nominal conditions, unless otherwise
noted.
Symbol
Characteristic
Min.
Typ.
Max.
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com