Electronic Components Datasheet Search
  English  ▼

X  

34845 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # 34845
Description  Low cost six channel led backlight driver with integrated power supply
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34845 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  34845 Datasheet HTML 1Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 2Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 3Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
NXP Semiconductors
5
34845
23
VDC2
6.0 V internal voltage decoupling. This pin is for internal use only, and not to be used for other purposes. A capacitor of
2.2
μF should be connected between this pin and ground.
24
VOUT
Boost voltage output feedback.
EP
EP
Ground and thermal enhancement pad
Table 2. 34845 Pin definitions (continued)
Pin number
Pin name
Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com