Electronic Components Datasheet Search
  English  ▼

X  

34845 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # 34845
Description  Low cost six channel led backlight driver with integrated power supply
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34845 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  34845 Datasheet HTML 1Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 2Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 3Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
4
NXP Semiconductors
34845
3
Pin connections
3.1
Pinout diagram
Figure 3. 34845 pin connections
3.2
Pin definitions
Table 2. 34845 Pin definitions
Pin number
Pin name
Definition
1
VIN
Main voltage supply Input. IC Power input supply voltage, is used internally to produce internal voltage regulation for logic
functioning, and also as an input voltage for the boost regulator.
2
PGNDB
Power ground. This is the ground pin for the internal Boost FET.
3
SWB
Boost switch node connection B. Switching node of boost converter.
4
SWA
Boost switch node connection A. Switching node of boost converter.
5
PGNDA
Power ground. This is the ground pin for the internal Boost FET.
6
EN
Enable pin (active high, internal pull-down).
7 - 12
CH1 - CH6
LED string connections 1 to 6. LED current drivers. Each line has the capability of driving up to 30 mA.
13, 19, 21
GND
Ground Reference for all internal circuits other than the Boost FET. The Exposed Pad (EP) should be used for thermal
heat dissipation.
14
FAIL
Fault detected pin (open drain):
• No Failure = Low-impedance pull-down
• Failure = High-impedance
When a fault situation is detected, this pin goes into high-impedance.
15
ISET
LED current setting. The maximum current is set using a resistor from this pin to GND.
16
PWM
External PWM control signal.
17
COMP
Boost compensation component connection. This passive pin is used to compensate the boost converter. Add a
capacitor and a resistor in series to GND to stabilize the system as well as a shunt capacitor.
18
WAKE
Low power consumption mode for single wire control. This is achieved by connecting the WAKE and PWM pins together
and grounding the ENABLE (EN) pin.
20
VDC1
2.5 V internal voltage decoupling. This pin is for internal use only, and not to be used for other purposes. A capacitor of
2.2
μF should be connected between this pin and ground.
22
OVP
External boost overvoltage setting. Requires a resistor divider from VOUT to GND. If no external OVP setting is desired,
this pin should be grounded.
VIN
PGNDB
SWB
SWA
PGNDA
GND
EN
WAKE
ISET
FAIL
COMP
PWM
24
17
18
19
20
21
22
23
1
8
7
6
5
4
3
2
16
910
11
12
13
14
15
EP GND
TRANSPARENT
TOP VIEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com