Electronic Components Datasheet Search
  English  ▼

X  

BMP581 Datasheet(PDF) 58 Page - Bosch Sensortec GmbH

Part # BMP581
Description  Barometric Pressure Sensor
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP581 Datasheet(HTML) 58 Page - Bosch Sensortec GmbH

Back Button BMP581 Datasheet HTML 54Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 55Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 56Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 57Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 58Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 59Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 60Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 61Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 62Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 75 page
background image
Bosch Sensortec | BST-BMP581-DS004-11
58 | 75
© Bosch Sensortec GmbH 2023 | All rights reserved, also regarding any disposal, exploitation, reproduction, editing, distribution,
Document number: BST-BMP581-DS004-11
as well as in the event of applications for industrial property rights
7.20
Register (0x26) Reserved
Bit
7
6
5
4
3
2
1
0
Read/Write
R
R
R
R
R
R
R
R
Reset Value
0
0
0
0
0
0
0
0
Content
reserved_reg4
reserved_reg4:(bit offset: 0) reserved (read returns always 0x00)
7.21
Register (0x27) Interrupt status register (clear-on-read).
Bit
7
6
5
4
3
2
1
0
Read/Write
R
R
R
R
R
R
R
R
Reset Value
0
0
0
0
0
0
0
0
Content
reserved_7_5
por
oor_p
fifo_ths
fifo_full
drdy_da...
drdy_data_reg:(bit offset: 0) Data Ready
fifo_full:(bit offset: 1) FIFO Full
fifo_ths:(bit offset: 2) FIFO Threshold/Watermark
oor_p:(bit offset: 3) Pressure data out-of-range
por:(bit offset: 4) POR or software reset complete
reserved_7_5:(bit offset: 5) reserved
7.22
Register (0x28) Status register
Bit
7
6
5
4
3
2
1
0
Read/Write
R
R
R
R
R
R
R
R
Reset Value
0
0
0
0
0
0
1
0
Content
reserved_7
reserved_6_5
reserved_4 status_...
status_...
status_... reserved_0
status_core_rdy:(bit offset: 0) If asserted, the digital core domain is accessible
status_nvm_rdy:(bit offset: 1) If asserted, device is ready for NVM operations
status_nvm_err:(bit offset: 2) If asserted, indicates an NVM error, due to at least one of the following reasons: - PMU
power transition fail on NVM power request - NVM timeout errors in P/E - NVM Charge Pump voltage fail in
PROGRAM/ERASE - During last boot/load command, ECC has detected 2+ errors This bit is cleared/updated upon
a new NVM command, if Boot command is executed.
status_nvm_cmd_err:(bit offset: 3) If asserted, indicates a boot command error, due to at least one of the following
reasons: - nvm_usr_read / nvm_usr_prog command submitted when CFG.STATE.nvm_rdy = 0 (FCU is not in
STANDBY mode). Boot command not executed -> Boot.STATUS.* and CFG.status.nvm_err not updated. -
nvm_usr_prog command submitted when CFG.MISC.nvm_prog_en = 0. Boot command executed ->
Boot.STATUS.* and CFG.status.nvm_err updated. - nvm_usr_prog command submitted with
CFG.NVM_ADDR.nvm_row_addr outside valid range (6'h08, 6'h09, 6'h1E-6'h22). Boot command executed ->
Boot.STATUS.* and CFG.status.nvm_err updated. This bit is cleared upon a new NVM command
status_boot_err_corrected:(bit offset: 4) If asserted, indicates that an error has been corrected by ECC during last
boot-loading Note: This bit is cleared upon a new NVM user command. Additionally, in Deep sleep (Normal and
Forced) the NVM is downloaded at beginning of each measurement. It is valid after DRY until the next measurement
starts.
reserved_6_5:(bit offset: 5) reserved
st_crack_pass:(bit offset: 7) If asserted, crack check has been successfully executed without detecting a crack.
Note: this bit is cleared with deasserting ASIC_SELFTEST_CTRL.st_crack_check



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com