Electronic Components Datasheet Search
  English  ▼

X  

BMP581 Datasheet(PDF) 51 Page - Bosch Sensortec GmbH

Part # BMP581
Description  Barometric Pressure Sensor
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP581 Datasheet(HTML) 51 Page - Bosch Sensortec GmbH

Back Button BMP581 Datasheet HTML 47Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 48Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 49Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 50Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 51Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 52Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 53Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 54Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 55Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 75 page
background image
Bosch Sensortec | BST-BMP581-DS004-11
51 | 75
© Bosch Sensortec GmbH 2023 | All rights reserved, also regarding any disposal, exploitation, reproduction, editing, distribution,
Document number: BST-BMP581-DS004-11
as well as in the event of applications for industrial property rights
7.1Register (0x01) ASIC identification ID
Bit
7
6
5
4
3
2
1
0
Read/Write
R
R
R
R
R
R
R
R
Reset Value
0
1
0
1
0
0
0
0
Content
chip_id
chip_id:(bit offset: 0) ASIC ID
7.2Register (0x02) ASIC revision ID
Bit
7
6
5
4
3
2
1
0
Read/Write
R
R
R
R
R
R
R
R
Reset Value
0
0
1
1
0
0
1
0
Content
asic_rev_id
asic_rev_id:(bit offset: 0) ASIC revision
7.3Register (0x11) ASIC status register
Bit
7
6
5
4
3
2
1
0
Read/Write
R
R
R
R
R
R
R
R
Reset Value
0
0
0
0
0
0
0
0
Content
reserved_7_4
i3c_err_3 i3c_err_0
hif_mode
hif_mode:(bit offset: 0) HIF mode (NVM-backed)
Value
Description
0b00 (0x0)
I2C Mode Only [SPI disabled]
0b01 (0x1)
SPI Mode1 and Mode2
0b10 (0x2)
SPI Mode0 and Mode3
0b11 (0x3)
SPI and I2C Available (Autoconfig) Interface selection is automatically configured. Default is
I2C mode. During Power-on CSB pin should be tied to VDDIO to pull it high at power-on. If
CSB goes low during, I2C interface will be disabled until the next power-on-reset.
i3c_err_0:(bit offset: 2) SDR parity error occurred
i3c_err_3:(bit offset: 3) S0/S1 error occurred. When S0/S1 error occurs, the slave will recover automatically after 60us
as if an HDR-exit pattern is executed on the bus. Flag will persist for notification purpose. This flag is clear-onread
type. It is cleared automatically once read.
reserved_7_4:(bit offset: 4) reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com