Electronic Components Datasheet Search
  English  ▼

X  

BMP581 Datasheet(PDF) 63 Page - Bosch Sensortec GmbH

Part # BMP581
Description  Barometric Pressure Sensor
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP581 Datasheet(HTML) 63 Page - Bosch Sensortec GmbH

Back Button BMP581 Datasheet HTML 59Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 60Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 61Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 62Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 63Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 64Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 65Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 66Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 67Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 75 page
background image
Bosch Sensortec | BST-BMP581-DS004-11
63 | 75
© Bosch Sensortec GmbH 2023 | All rights reserved, also regarding any disposal, exploitation, reproduction, editing, distribution,
Document number: BST-BMP581-DS004-11
as well as in the event of applications for industrial property rights
7.29
Register (0x32) Out-of-range (OOR) threshold for pressure (LSB)
Bit
7
6
5
4
3
2
1
0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
0
0
0
0
0
0
0
0
Content
oor_thr_p_7_0
oor_thr_p_7_0:(bit offset: 0) OOR pressure threshold, bits 7:0
7.30
Register (0x33) Out-of-range (OOR) threshold for pressure (MSB)
Bit
7
6
5
4
3
2
1
0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
0
0
0
0
0
0
0
0
Content
oor_thr_p_15_8
oor_thr_p_15_8:(bit offset: 0) OOR pressure threshold, bits 15:8
7.31
Register (0x34) Out-of-range (OOR) range configuration
Bit
7
6
5
4
3
2
1
0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
0
0
0
0
0
0
0
0
Content
oor_range_p
oor_range_p:(bit offset: 0) OOR pressure range
7.32
Register (0x35) Out-of-range (OOR) configuration
Bit
7
6
5
4
3
2
1
0
Read/Write
R/W
R/W
R
R
R
R
R
R/W
Reset Value
0
0
0
0
0
0
0
0
Content
cnt_lim
reserved_5_1
oor_thr...
oor_thr_p_16:(bit offset: 0) OOR pressure threshold, bit 16
reserved_5_1:(bit offset: 1) reserved
cnt_lim:(bit offset: 6) OOR count limit (Note: This field cannot be written during an ongoing P/T conversion.)
Value
Description
0b00 (0x0)
Counter limit of 1
0b01 (0x1)
Counter limit of 3
0b10 (0x2)
Counter limit of 7
0b11 (0x3)
Counter limit of 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com