Electronic Components Datasheet Search
  English  ▼

X  

BMP581 Datasheet(PDF) 52 Page - Bosch Sensortec GmbH

Part # BMP581
Description  Barometric Pressure Sensor
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP581 Datasheet(HTML) 52 Page - Bosch Sensortec GmbH

Back Button BMP581 Datasheet HTML 48Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 49Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 50Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 51Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 52Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 53Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 54Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 55Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 56Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 75 page
background image
Bosch Sensortec | BST-BMP581-DS004-11
52 | 75
© Bosch Sensortec GmbH 2023 | All rights reserved, also regarding any disposal, exploitation, reproduction, editing, distribution,
Document number: BST-BMP581-DS004-11
as well as in the event of applications for industrial property rights
7.4Register (0x13) Configure host interface related settings (NVM-backed)
Bit
7
6
5
4
3
2
1
0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
0
0
1
1
0
0
0
0
Content
pad_if_drv
reserved_3 reserved_2 spi3_en
i2c_csb...
i2c_csb_pup_en:(bit offset: 0) CSB pullup selection (valid in I2C mode only)
Values
Description
0b0 (0x0)
disabled
0b1 (0x1)
enabled
spi3_en:(bit offset: 1) SPI 3-wire mode enabling
Values
Description
0b0 (0x0)
SPI 4-wire mode
0b1 (0x1)
SPI 3-wire mode
reserved_2:(bit offset: 2) reserved
reserved_3:(bit offset: 3) reserved
pad_if_drv:(bit offset: 4) Pad drive strength for serial IO pins SDX, SDO (MSB should be set in I2C mode only)
Note: these register fields should be read-back only after waiting at least 1¬μs after they have been written.
7.5Register (0x14) Interrupt configuration register
Bit
7
6
5
4
3
2
1
0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
0
0
1
1
0
1
0
1
Content
pad_int_drv
int_en
int_od
int_pol
int_mode
int_mode:(bit offset: 0) INT mode:
Values
Description
0b0 (0x0)
pulsed
0b1 (0x1)
latched
int_pol:(bit offset: 1) INT polarity:
Values
Description
0b0 (0x0)
active low
0b1 (0x1)
active high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com