Electronic Components Datasheet Search
  English  ▼

X  

BMP581 Datasheet(PDF) 28 Page - Bosch Sensortec GmbH

Part # BMP581
Description  Barometric Pressure Sensor
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP581 Datasheet(HTML) 28 Page - Bosch Sensortec GmbH

Back Button BMP581 Datasheet HTML 24Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 25Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 26Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 27Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 28Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 29Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 30Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 31Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 32Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 75 page
background image
Bosch Sensortec | BST-BMP581-DS004-11
28 | 75
© Bosch Sensortec GmbH 2023 | All rights reserved, also regarding any disposal, exploitation, reproduction, editing, distribution,
Document number: BST-BMP581-DS004-11
as well as in the event of applications for industrial property rights
Latched Mode. In latched mode, the INT pin is asserted as long as an interrupt condition is TRUE, and the interrupt
source is enabled in INT_SOURCE. Between two adjacent assertions if the INT pin, there is a minimum gap of
tint_deassert. Figure 6 shows the timing of latched mode.
The deassertion of the INT pin in latched mode depends is handled in the following way:
FIFO interrupts will be de-asserted when the interrupt condition does not apply any more. There is no dependency
on the setting of INT_STATUS.
The data ready interrupt will be de-assered after reading the INT_STATUS.
The pressure out-of-range interrupt will be de-assered after reading the INT_STATUS. If the data ready interrupt is
asserted, a new measurement data becomes available, the INT pin will stay asserted. There is no de-assertion
phase.
Figure 6: INT pin timing in latched mode
Exceptions. In the following cases, the minimal pulse length and minimal gap between pulses may be violated:
If the FIFO gets disabled or is flushed (see Chapter 3.6.4 "FIFO configuration changes" for a description of the
conditions that cause a FIFO flush), an asserted FIFO interrupt will be de-asserted immediately and the
corresponding bits in INT_STATUS will be cleared. This may cause a violation of tint_pulse or tint_deassert.
If the conditons apply that would cause a FIFO flush, the behavior of an asserted out-of-range interrupt is the same
as for the FIFO interrupt desribed above: the asserted interrupt will be de-asserted immediately and the
corresponding bits in INT_STATUS will be cleared. This may cause a violation of tint_pulse or tint_deassert.
If the host reconfigures the FIFO threshold while INT is asserted, INT will get de-asserted immediately and the
INT_STATUS.fifo_ths will get cleared. This may cause a violation of tint_pulse. If the new FIFO threshold condition still
holds true, INT will reassert after tint_deassert.
If data ready and FIFO interrupts are used together, tint_deassert may be violated.
tint_deassert can be violated if FIFO interrupts are enabled at the same time with the data ready or the out-of-range
interrupt. There is no violations when data ready and out-of-range interrupts are enabled at the same time.
Latched/pulsed mode switch. Any change between latched/pulsed mode has to be applied while interrupt is
disabled. The following operations must be executed:
Turn off all INT sources (INT_SOURCE -> 0x00)
Read the INT_STATUS register to clear the status
Set the desired mode in INT_CONFIG.int_mode
INT_STATUS. Independently of the int_mode setting, the interrupt status bit in INT_STATUS will not be cleared
automatically. The FIFO status will be cleared only when the interrupt condtion does not apply any more and the
INT_STATUS register has been read. The data ready and the out-of-range status will be cleared when the
INT_STATUS register has been read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com