Electronic Components Datasheet Search
  English  ▼

X  

BMP581 Datasheet(PDF) 65 Page - Bosch Sensortec GmbH

Part # BMP581
Description  Barometric Pressure Sensor
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP581 Datasheet(HTML) 65 Page - Bosch Sensortec GmbH

Back Button BMP581 Datasheet HTML 61Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 62Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 63Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 64Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 65Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 66Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 67Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 68Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 69Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 75 page
background image
Bosch Sensortec | BST-BMP581-DS004-11
65 | 75
© Bosch Sensortec GmbH 2023 | All rights reserved, also regarding any disposal, exploitation, reproduction, editing, distribution,
Document number: BST-BMP581-DS004-11
as well as in the event of applications for industrial property rights
Value
Description
0b00 (0x0)
Standby mode: no measurement ongoing
0b01 (0x1)
Normal mode: measurement in configured ODR grid
0b10 (0x2)
Forced mode: forced one-time measurement
0b11 (0x3)
Non-Stop mode: repetitive measurements without further
duty-cycling
odr:(bit offset: 2) ODR Selection
Note: the configured ODR might be invalid in combination with OSR configuration This is observable with the flag
odr_is_valid. If configured ODR/OSR settings are invalid, default OSR settings will be used. The effective OSR
settings for P/T can be read from osr_t_eff and osr_p_eff
Value
Description
0x0
240.000 Hz (Error = 0.00)
0x1
218.537 Hz (Error = 0.67)
0x2
199.111 Hz (Error = 0.44)
0x3
179.200 Hz (Error = 0.44)
0x4
160.000 Hz (Error = 0.00)
0x5
149.333 Hz (Error = 0.44)
0x6
140.000 Hz (Error = 0.00)
0x7
129.855 Hz (Error = 0.11)
0x8
120.000 Hz (Error = 0.00)
0x9
110.164 Hz (Error = 0.15)
0xA
100.299 Hz (Error = 0.30)
0xB
89.600 Hz (Error = 0.44)
0xC
80.000 Hz (Error = 0.00)
0xD
70.000 Hz (Error = 0.00)
0xE
60.000 Hz (Error = 0.00)
0xF
50.056 Hz (Error = 0.11)
0x10
45.025 Hz (Error = 0.06)
0x11
40.000 Hz (Error = 0.00)
0x12
35.000 Hz (Error = 0.00)
0x13
30.000 Hz (Error = 0.00)
0x14
25.005 Hz (Error = 0.02)
0x15
20.000 Hz (Error = 0.00)
0x16
15.000 Hz (Error = 0.00)
0x17
10.000 Hz (Error = 0.00)
0x18
5.000 Hz (Error = 0.00)
0x19
4.000 Hz (Error = 0.00)
0x1A
3.000 Hz (Error = 0.00)
0x1B
2.000 Hz (Error = 0.00)
0x1C
1.000 Hz (Error = 0.00)
0x1D
0.500 Hz (Error = 0.00)
0x1E
0.250 Hz (Error = 0.00)
0x1F
0.125 Hz (Error = 0.00)
deep_dis:(bit offset: 7) If asserted, disables the deep standby (Note: This field cannot be changed during an ongoing
P/T conversion.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com