Electronic Components Datasheet Search
  English  ▼

X  

BMP581 Datasheet(PDF) 10 Page - Bosch Sensortec GmbH

Part # BMP581
Description  Barometric Pressure Sensor
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP581 Datasheet(HTML) 10 Page - Bosch Sensortec GmbH

Back Button BMP581 Datasheet HTML 6Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 7Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 8Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 9Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 10Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 11Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 12Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 13Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 14Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 75 page
background image
Bosch Sensortec | BST-BMP581-DS004-11
10 | 75
© Bosch Sensortec GmbH 2023 | All rights reserved, also regarding any disposal, exploitation, reproduction, editing, distribution,
Document number: BST-BMP581-DS004-11
as well as in the event of applications for industrial property rights
Table 2: Temperature Performance
Parameter
Symbol
Comment
Min
Typ
Max
Unit
Temperature
measurement
range
Temperature
measured in
the entire
temperature
operational
range
-40
85
°C
Absolute accuracy
temperature
At_abs
-5 .. 55°C
+/- 0.5
K
Absolute accuracy
temperature full
range
At_abs_full
-40 .. 85°C
+/- 0.5
K
Relative accuracy
temperature
At_rel_full
-40 .. 85°C,
20 K steps
K
Temperature data
resolution
At_res
1/65536
+ 1.0
°C
Table 3: Mechanical characteristics
Parameter
Symbol
Comment
Min
Typ
Max
Unit
Package footprint
dimensions
1.90 x 1.90
2.0 x 2.0
2.10 x 2.10
mm2
Package height
0.7
0.75
0.8
mm
Number of pins
10
Package category
Moisture
sensitivity
level
MSL1
Table 4: Electrical characteristics
Parameter
Symbol
Comment
Min
Typ
Max
Unit
Power supply
voltage
VDD
1.71
1.8 / 3.3
3.6
V
Power supply
voltage I/Os
VDDIO
1.08
1.2/ 1.8 / 3.3
3.6
V
Supply ramp time t_VDDramp &
t_VDDIOramp
10% to 90% of
target voltage
0.01a
10
ms
Operational
temperature
range
TOP_full
-40
85
°C
ODR Accuracy
-40..85°C
-10
+10
%
Power-up time
t_powup
Time to first
communication
after both VDD >
VDDmin and
2
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com