Electronic Components Datasheet Search
  English  ▼

X  

ADAQ4216BBCZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADAQ4216BBCZ
Description  16-Bit, 2MSPS, μModule Data-Acquisition Solution
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAQ4216BBCZ Datasheet(HTML) 4 Page - Analog Devices

  ADAQ4216BBCZ Datasheet HTML 1Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 2Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 3Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 4Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 5Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 6Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 7Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 8Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 63 page
background image
Data Sheet
ADAQ4216
SPECIFICATIONS
analog.com
Rev. A | 4 of 63
VDDH = 18V, VSSH = −18V, VDD_FDA = 5.4V, VSS_FDA = 0V, VDD_5V = 5.4V, VLDO = 5.4V, VIO = 1.8V, REFIN = 5V, fS = 2MSPS, all gains, all
specifications TMIN to TMAX, unless otherwise noted.
Table 1. Specifications
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
RESOLUTION
16
Bits
DIFFERENTIAL INPUT VOLTAGE RANGE, VIN
VIN = ±REFIN/Gain
Gain = 1/3
−15
+15
V
Gain = 5/9
−9
+9
V
Gain = 20/9
−2.25
+2.25
V
Gain = 20/3
−0.75
+0.75
V
Analog Font-End Gain (G)
A0 = low, A1 = low
1/3
V/V
A0 = high, A1 = low
5/9
V/V
A0 = low, A1 = high
20/9
V/V
A0 = high, A1 = high
20/3
V/V
Input Common-Mode Voltage Range
All gains
−8
+10
V
Common-Mode Rejection Ratio (CMRR)
DC
95
dB
Input Bias Current
INP, INN, TA= +25°C
±20
±100
pA
TA= −40°C to +60°C
±350
pA
TA= −40°C to +105°C
±3.5
nA
Input Offset Current
TA= +25°C
±3
±25
pA
TA= −40°C to +60°C
±30
pA
TA= −40°C to +105°C
±250
pA
Input Resistance
INP, INN
1012
Ω
Input Capacitance
INP, INN
22
pF
THROUGHPUT
Complete Cycle
500
ns
Conversion Time
264
282
300
ns
Acquisition Phase1
244
260
275
ns
Throughput Rate
0
2
MSPS
DC ACCURACY
No Missing Codes
16
Bits
Integral Nonlinearity Error (INL)2
All gains, VSS_FDA = 0V
−3
±1
+3
ppm
Differential Nonlinearity Error (DNL)2
All gains, VSS_FDA = 0V
±0.5
LSB
Transition Noise
G = 1/3
0.29
LSBrms
G = 5/9
0.18
LSBrms
G = 20/9
0.05
LSBrms
G = 20/3
0.03
LSBrms
Offset Error
G = 1/3
−1.0
±0.10
+1.0
mV
G = 5/9
−1.1
±0.11
+1.1
mV
G = 20/9
−1.2
±0.13
+1.2
mV
G = 20/3
−1.8
±0.23
+1.8
mV
Offset Error Drift
T= −40°C to 105°C, End point method
G = 1/3, 5/9, 20/9
−8.27
±2.35
+3.82
μV/°C
G = 20/3
−11.93
±3.44
+5.05
μV/°C
Gain Error
REFIN = 5V
−0.06
±0.006
+0.06
%FS
Gain Error Drift
REFIN = 5V, T= −40°C to 105°C, End point
method
All gains
−1.03
±0.07
+1.17
ppm/°C
Power-Supply Rejection Ratio (PSRR)
VDDH = +15V to +18V step
122
dB
VSSH = −15V to −18V step
129
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com