Electronic Components Datasheet Search
  English  ▼

X  

ADAQ4216BBCZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADAQ4216BBCZ
Description  16-Bit, 2MSPS, μModule Data-Acquisition Solution
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAQ4216BBCZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADAQ4216BBCZ Datasheet HTML 4Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 5Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 6Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 7Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 8Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 9Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 10Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 11Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 63 page
background image
Data Sheet
ADAQ4216
SPECIFICATIONS
analog.com
Rev. A | 8 of 63
Table 2. Digital Timing Interface
Parameter1
Symbol
Min
Typ
Max
Unit
Conversion Time: CNV Rising Edge to Data Available
tCONV
264
282
300
ns
Acquisition Phase2
tACQ
244
260
275
ns
Time Between Conversions
tCYC
500
ns
CNV High Time
tCNVH
10
ns
CNV Low Time
tCNVL
20
ns
Internal Oscillator Frequency
fOSC
75.1
80
84.7
MHz
1 Timing specifications assume a 5pF load capacitance on digital output pins. tCONV, tCYC, tSCK, and tSCKOUT are production tested. All other timing specifications are
guaranteed by characterization and design.
2 The acquisition phase is the time available for the input sampling capacitors to acquire a new input with the ADC running at a throughput rate of 2MSPS.
Figure 2. Voltage Levels for Timing
Table 3. Register Read/Write Timing
Parameter
Symbol
Min
Typ
Max
Unit
CS Pulse Width
tCSPW
10
ns
SCK Period
tSCK
VIO > 1.71V
11.6
ns
VIO > 1.14V
12.3
ns
SCK Low Time
tSCKL
5.2
ns
SCK High Time
tSCKH
5.2
ns
SCK Falling Edge to Data Remains Valid
tHSDO
2.1
ns
SCK Falling Edge to Data Valid Delay
tDSDO
VIO > 1.71V
9.4
ns
VIO > 1.14V
11.8
ns
CS Rising Edge to SDO High Impedance
tCSDIS
9
ns
SDI Valid Setup Time to SCK Rising Edge
tSSDI
1.5
ns
SDI Valid Hold Time from SCK Rising Edge
tHSDI
1.5
ns
CS Falling Edge to First SCK Rising Edge
tCSSCK
VIO > 1.71V
11.6
ns
VIO > 1.14V
12.3
ns
Last SCK Edge to CS Rising Edge
tSCKCS
5.2
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com